Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADL5304
Rev. A | Page 9 of 32
103
102
101
100
99
98
97
96
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
TYPICAL
+3σ
–3σ
Figure 15. IREF Current vs. Temperature
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
+3σ
–3σ
Figure 16. 1P5V Drift vs. Temperature
1.515
1.510
1.505
1.500
1.495
1.490
–5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
8
9
10
LOAD CURRENT (mA)
Figure 17. 1P5V vs. ILOAD (Positive Current Defined into 1P5V Pin)
IMON CURRENT (mA)
0
50
100
150
200
250
300
1.00
1.05
1.10
1.15
1.20
Figure 18. IMON Histogram at INUM = 1 mA
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
+3σ
–3σ
Figure 19. 2VLT Drift vs. Temperature
2.000
1.995
1.990
1.985
1.980
1.975
1.970
–20
–15
–10
–5
0
LOAD CURRENT (mA)
Figure 20. 2VLT vs. ILOAD (Positive Current Defined into 2VLT Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com