Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5304
Data Sheet
Rev. A | Page 10 of 32
10
0
–10
–20
–30
–40
–50
–60
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
1mA
100µA
10µA
1µA
100nA
10nA
1nA
Figure 21. Small Signal AC Response from INUM to VLOG for INUM in
Decade Steps from 1 nA to 1 mA, IDEN = 100 nA
100
10
1
0.1
0.01
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
STEP IS ANALYZER ARTIFACT
100pA
1nA
10nA
100nA
1µA
10µA
100µA
1mA
EQUIP LIMIT
Figure 22. Spot Noise Spectral Density at VLOG vs. Frequency for INUM in
Decade Steps from 1 nA to 1 mA (Noise at lower frequencies, where NSD is
flat, is limited by resistance used to generate dc INUM current. See the Noise vs.
Current section for further explanation.)
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0
10
20
30
40
50
60
TIME (µs)
1mA TO 10mA
100µA TO 1mA
10µA TO 100µA
1µA TO 10µA
100nA TO 1µA
1nA TO 10nA
10nA TO 100nA
Figure 23. Pulse Response for INUM in Decade Steps from 1 nA to 1 mA,
IDEN = 100 nA
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
10
5
0
–5
–10
–15
–20
–25
1mA
100µA
10µA
1µA
100nA
10nA
Figure 24. Small Signal AC Response from IDEN to VLOG for IDEN in
Decade Steps from 10 nA to 1 mA; INUM = 100 nA
100
10
1
0.1
0.01
0.001
100p
1n
10n
100n
1µ
10µ
100µ
1m
INUM (A)
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 25. Spot Noise Spectral Density at VLOG vs. INUM in Decade Frequency
Steps from 100 Hz to 10 MHz
40
20
0
10
30
4
2
1
0
–1
–2
–3
–4
3
–20
–10
–30
–40
–2
0
2
4
6
8
10
12
TIME (µs)
100nA TO 10nA
1µA TO 100nA
10µA TO 1µA
100µA TO 10µA
1mA TO 100µA
INPUT
Figure 26. Normalized Falling Edge Settling of INUM to Within 1 dB
(Error = 10 mV/dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com