Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADL5304
Data Sheet
Rev. A | Page 26 of 32
Summing Node Voltage
It is important to reiterate that the VSM1 to VSM4, DCBI, and
INPS pins always need to be tied together. Failure to do so results
in erroneous outputs at VLOG.
The VSMx pins must be well decoupled to provide a good
ac ground.
Leakage
VSM2 and VSM3 are critical nodes because they are used by the
FET amplifiers to define the voltages on the INUM and IDEN pins.
Furthermore, the voltage applied to VSM2 and VSM3 is also used
to drive the shield around the inputs, which becomes critical at low
currents (<1 nA) to minimize leakage. A voltage difference
between the INUM and VSM2 pins of 1 mV together with a
leakage resistor of 100 MΩ results in a current of 10 pA. If the
current flows into the device, this leakage current limits the
lowest measurable input current.
Even worse, if the current is negative (that is, pulls current out
of the input pin), the input voltage pulls low, and the FET amp
output rails positive. This can happen rather easily when the input
is biased at 1.5 V. For example, a 1 GΩ resistor between the input
pin and ground generates a 1.5 nA current that flows from the
input pin to ground and thereby pulls the input nodes low. A
log amp input is unidirectional, and it can accept current in
only one direction. A current that flows in the wrong direction
breaks the loop that biases the inputs. For this reason, if currents
of less than about 1 nA are to be measured, it is critical that a
guard be used, and that the boards are cleaned of any contaminants
including solder flux. In the case where the leakage is so large
that it cannot be overcome by the input current, the VLOG output
rails to the negative or positive ends of the output range,
depending on whether it is INUM or IDEN that has the leakage.
VLOG Output
The VLOG output is somewhat sensitive to loading and does not
like to drive large capacitances or very small resistors, for this
reason, it is recommended to keep CLOAD < 5 pF and RLOAD > 10 kΩ.
Dynamic Response
The ADL5304 does not require input compensation networks to
stabilize the circuit. However, a negative going current can happen
during normal dynamic operation, for example, during current
steps that decreases from larger to smaller values. During a large
step, the input loop can temporarily open causing a transient
invalid VLOG output. Loop recovery time is directly related to the
input current; therefore, the smaller the input current, the longer it
takes for the ADL5304 to recover. Careful design that reduces
parasitic capacitance at the INUM and IDEN inputs helps to
reduce this recovery time; however, this behavior cannot be
eliminated because it is characteristic of translinear log amps.
Some pulse response measurement results with an actual photo-
diode (1A227, 0.8 A/W, 0.7 pF) are shown in Figure 56 and
Figure 57 for the setup in Figure 55.
2.3
1.9
1.5
1.7
2.1
0.9
1.1
1.3
0.7
0.5
0
20
40
60
80
100
TIME (µs)
LASER
LIMIT
1µA
100nA
10nA
1nA
100pA
10pA
Figure 56. Photodiode Response for Input Currents of Approximately
10 pA to >1 µA Where Laser Limit Encountered
1.3
1.1
0.9
0.7
0.5
0.3
0
2
4
6
8
10
TIME (ms)
100pA
10pA
1pA
Figure 57. Increased Time Scale to Show Measurements Down to INUM
Approximately 1 pA (Approximately 1.25 pW; −89.03 dBm)
USING A NEGATIVE SUPPLY
In most applications of the ADL5304, a single supply is adequate.
A single supply also provides the lowest power operation. Dual
supplies are needed if the user wants to bias the anode of the
photodiode at ground, as was shown in Figure 50.
The negative supply needs to absorb the device bias current, the
load current of the buffer, and the maximum input currents.
With the summing node moved to ground, the ADL5304 can be
used as a voltage-input log amp, using a suitably scaled resistor
from the voltage source to the INUM pin. The logarithmic
accuracy for small voltages is limited by the offset of the JFET
op amp, appearing between this pin and VSUM. The IDEN pin
can likewise be driven from a voltage signal.
When very large input currents (INUM or IDEN greater than
approximately 5 mA) and very low temperatures (−40°C) are
expected, use a negative voltage on VNEG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com