Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADL5304
Rev. A | Page 13 of 32
TEST CIRCUITS
VSUM
VPOS
VNEG
1P5V
2VLT
AGILENT 34970A
DATA ACQUISITION UNIT
ADL5304
2
30
3
4
5
6
8
7
MONITOR AND
PD BIAS
(1.1× INUM)
TEMPERATURE
COMPENSATION
1.5V
1.5V
32
31
26
9
IMON
VNUM
INNM
VDEN
HFCP
COMM NMFS VNEG DNFS
VNEG
INDN
1P5V
2VLT
DCBI
BSDC
VSM1
VSM2
VSM3
IREF
IDEN
INUM
VSM4
10
11
27
29
28
100nA
1.5V
17
24
2V
BIAS AND
VREF
12
13
14
ACOM
15
16
INPS
INMS
VLOG
23
22
5kΩ
5kΩ
1kΩ
1kΩ
7.5kΩ
21
20
19
18
SCL1
SCL2
SCL3
ACOM
VPOS
VNUM
VDEN
ILOG
KEITHLEY 236 SMU
SOURCE CURRENT
MEASURE VOLTAGE
KEITHLEY 236 SMU
SOURCE CURRENT
MEASURE VOLTAGE
0.1µF
0.1µF
Figure 38. Setup for Measuring Logarithmic/Slope/Offset Conformance
HP3577B
NETWORK ANALYZER
OUTPUT INPUT R INPUT A
ADL5304
2
30
3
4
5
6
8
7
MONITOR AND
PD BIAS
(1.1× INUM)
TEMPERATURE
COMPENSATION
1.5V
1.5V
32
31
26
9
IMON
VNUM
INNM
VDEN
HFCP
COMM NMFS VNEG DNFS
VNEG
INDN
1P5V
2VLT
DCBI
BSDC
VSM1
VSM2
VSM3
IREF
IDEN
INUM
VSM4
10
11
27
29
28
100nA
1.5V
17
24
2V
BIAS AND
VREF
12
13
14
ACOM
15
16
INPS
INMS
VLOG
23
22
5kΩ
5kΩ
1kΩ
1kΩ
7.5kΩ
21
20
19
18
SCL1
SCL2
SCL3
ACOM
VPOS
VNUM
VDEN
ILOG
0.1µF
0.1µF
AD8138
EVALUATION BOARD
MODIFIED TO PROVIDE
DC OFFSET
J1
J2
J3
J4
50
Ω
50
Ω
HP11667B
SPLITTER
INPUT
1kΩ TO 10MΩ
TO SET
CURRENT
50Ω
TERM
Figure 39. Setup for Measuring Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com