Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADL5304
Rev. A | Page 23 of 32
Table 4. VLOG Scaling Options
Option
Pin SCL1
Pin SCL2
Pin SCL3
Pin INPS
Pin INMS
VY (V/dec)
IZ (A)
VOFS (V)
Single-Supply Operation (VNEG = 0 V;
VSMx = DCBI = INPS = 1P5V)
11
VLOG
INMS
Open
1P5V
SCL2
0.2
3.16 f
1.5
2
VLOG
INMS
VLOG
1P5V
SCL2
0.15
0.01 f
1.5
3
VLOG
INMS
Ground
1P5V
SCL2
0.2
0.01 f
2.0
4
VLOG
Open
Ground
1P5V
Open
0.4
56.2 f
2.5
5
VLOG
Open
Open
1P5V
Open
0.4
17.8 p
1.5
6
Open
Open
VLOG
1P5V
Open
0.6
316 p
1.5
7
Open
VLOG
Open
1P5V
Open
0.8
1.33 n
1.5
8
VLOG
INMS
2VLT
1P5V
SCL2
0.2
21.6 f
1.333
Dual-Supply Operation (VNEG < −2 V;
VSMx = DCBI = INPS = Ground)
92
VLOG
INMS
Open
Ground
SCL2
0.2
100 n
0
10
VLOG
INMS
VLOG
Ground
SCL2
0.15
100 n
0
11
VLOG
Open
Open
Ground
Open
0.4
100 n
0
12
Open
Open
VLOG
Ground
Open
0.6
100 n
0
13
Open
VLOG
Open
Ground
Open
0.8
100 n
0
1 Default setup for single supply and VSMx = 1.5 V.
2 Default setup for dual supply and VSMx = ground.
The default setups are noted in Table 4.
Other intercepts are achieved by injecting different currents
into the IDEN pin, for example, if IDEN = 1 μA, as shown in
Figure 52, the VLOG transfer function is simply shifted by one
decade to the right. One way of doing this is to put a precision
500 kΩ resistor between the 2VLT and IDEN pins in the single-
supply default setup. The intercept is moved up to 31.62 fA, and
all output voltages for a given INUM are lowered by one decade,
that is, by 0.2 V at VLOG. For example, the new IDEN = 1 μA, and
VLOG = 1.3 V for INUM = 100 nA.
This is particularly useful if the slope is already as desired but
the desired intercept cannot be achieved with the on-chip
resistors. Only a shift toward the right makes sense because a
shift to the left requires excessively large resistors.
MONITOR AND
PD BIAS
(1.1× INUM)
2
3
4
5
6
8
7
30
17
31
26
VSM1
VSM2
RMNTR
32
VSM4
VSM3
IREF
IDEN
INUM
100nA
Q2
Q1
Q3
1.5V
1.5V
10
9
VDEN
INDN
IMON
2VLT
INNM
1P5V
1.5V
VREF
TEMP
COMP
VNUM
ILOG
VDEN
SHIELD
SHIELD
PD
500kΩ
VNUM
Figure 52. Intercept Shifted One Decade Right via External Resistor,
Reference Current IDEN = 1 μA
Slope Inversion
Table 4 lists only those slopes that are positive because this is the
expected normal operation in measurement mode. The slopes can
be inverted by two methods. By using INUM = IREF = 100 nA, in
which case, the intercepts, IZ, are at larger currents mirrored from
the values shown in Table 4 around the 100 nA reference current.
For example, for the default setup with VY = 0.2 V/decade and
IZ = 3.162 fA, swapping INUM and IDEN connections result in
VY = −0.2 V/decade and IZ = 3.162 A.
The second method is to simply swap the connections between
the VNUM and VDEN pins and the inputs to the temperature
compensation cell (INNM and INDN), as shown in Figure 53
(compare to Figure 52). This technique is particularly useful if
both negative log slope and adaptive photodiode biasing via
IMON are desired together.
MONITOR AND
PD BIAS
(1.1× INUM)
2
3
4
5
6
8
30
31
VSM1
VSM2
VSM4
VSM3
RMNTR
32
IREF
IDEN
INUM
100nA
Q2
Q1
Q3
10
9
VDEN
INDN
IMON
VNUM
INNM
TEMP
COMP
VNUM
VDEN
SHIELD
SHIELD
PD
FROM
1.5V VREF
7
Figure 53. Simple Slope Inversion Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com