Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADL5304
Data Sheet
Rev. A | Page 24 of 32
Log Ratio Operation
Because the ADL5304 has two equal inputs, INUM and IDEN, log
ratio operation is possible. The only difference between INUM
and IDEN is that the IMON current derives from the INUM signal and
allows adaptive photodiode bias at this input only. Assuming
that the ratio INUM/IDEN can, in general, be either greater or less
than unity, VLOG can be of either polarity, requiring a negative
supply in some cases. The value of VLOG depends on the
minimum ratio and the slope chosen for the application.
For example, if the ratio can vary from 1:1000 to 1000:1 and a slope
of 20 mV/dB is required, the peak swing is ±1.2 V around VOFS.
Option 5 in Table 4 provides this with an intercept IZ of 17.8 pA
(VOFS = 1.5 V) with VLOG = ±1.2 V around VOFS = 1.5 V, which
results in 0.3 V ≤ VLOG ≤ 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com