Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 3 Page - Broadcom Corporation.

  HDLA-2416 Datasheet HTML 1Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 2Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 3Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Broadcom
- 3 -
HDLx-2416 Series
Data Sheet
Package Dimensions
25.15
(0.990)
TYP.
6.35
(0.250)
3.05
(0.120)
10.03
(0.395)
20.07
(0.790)
5.08
(0.200)
3.43
(0.135)
0.51 ± 0.13
(0.020 ± 0.005)
TYP.
6.60
(0.260)
2.41
(0.095)
2.54
(0.100)
TYP.
REF.
DATE CODE (YEAR, WEEK)
4.06
(0.160)
10.16
(0.400)
2.41
(0.095)
TYP.
0.38
(0.015)
15.24
(0.600)
0.25 ± 0.13
(0.010 ± 0.005)
TYP.
REF.
1.52
(0.060)
IMAGE PLANE
REF.
REF.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE
ON ALL DIMENSIONS IS 0.254 mm ( 0.010).
2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
3. FOR YELLOW AND GREEN DISPLAYS ONLY.
PIN 1 IDENTIFIER
HDLX-2416
YYWW X Z
PART NUMBER
LUMINOUS INTENSITY
COLOR BIN (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com