Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HDLA-2416 Datasheet HTML 2Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 3Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Broadcom
- 6 -
HDLx-2416 Series
Data Sheet
Recommended Operating Conditions
Electrical Characteristics over Operating Temperature Range
4.5V < VDD < 5.5V (unless otherwise specified)
All Devices
HDLO/HDLA/HDLY/HDLG-2416
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
Parameter
Symbol
Min.
25°Ca
a.
VDD = 5.0V.
Max.
Unit
Test Conditions
Typ.
Max.
IDD Blank
IDD (blank)
1.0
4.0
mA
All Digits Blanked
Input Current
II
–40
+10
μA
VIN = 0V to VDD
VDD = 5.0V
Input Voltage High
VIH
2.0
VDD
V
Input Voltage Low
VIL
GND
0.8
V
Parameter
Symbol
Min.
25°Ca
a.
VDD = 5.0V.
Max.
Unit
Test Conditions
Typ.
Max.
IDD 4 digits 20
Dots/Characterb, c
b.
Average IDD measured at full brightness. Peak IDD = 28/15 × Average IDD(#).
c.
IDD(#) max. = 135 mA for HDLO/HDLA/HDLY/HDLG-2416, 146 mA for HDLS-2416, and 42 mA for HDLU-2416 at default brightness, 150°C IC junction
temperature and VDD = 5.5V.
IDD(#)
110
135
160
mA
“#” ON in All Four Locations
IDD Cursor All Dots ON at
50%
IDD (CU)
92
110
135
mA
Cursor ON in All Four
Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com