Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 10Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 11Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 12Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 13Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 14Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 15Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 16Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Broadcom
- 13 -
HDLx-2416 Series
Data Sheet
Display Clear
Data stored in the Character RAM, Control Register, and
Attribute RAM will be cleared if the clear (CLR) is held low for a
minimum of 10 μs. Note that the display will be cleared
regardless of the state of the chip enables (CE1, CE2). After the
display is cleared, the ASCII code for a space (20hex) is loaded
into all character RAM locations and 00hex is loaded into all
Attribute RAM/Control Register memory locations.
Data Entry
Figure 2 shows a truth table for the HDLX-2416 display. Setting
the chip enables (CE1, CE2) to logic 0 and the cursor select (CU)
to logic 1 will enable ASCII data loading. When cursor select
(CU) is set to logic 0, data will be loaded into the Control
Register and Attribute RAM. Address inputs A0–A1 are used to
select the digit location in the display. Data inputs D0–D6 are
used to load information into the display. Data will be latched
into the display on the rising edge of the WR signal. D0–D6, A0–
A1, CE1, CE2, and CU must be held stable during the write cycle
to ensure that correct data is stored into the display. Data can
be loaded into the display in any order. Note that when A0 and
A1 are logic 0, data is stored in the right most display location.
Cursor
When cursor enable (CUE) is a logic 1, a cursor will be displayed
in all digit locations where a logic 1 has been stored in the Digit
Cursor memory in the Attribute RAM. The cursor consists of all
35 dots ON at half brightness. A flashing cursor can be
displayed by pulsing CUE. When CUE is a logic 0, the ASCII data
stored in the Character RAM will be displayed regardless of the
Digit Cursor bits.
Blanking
Blanking of the display is controlled through the BL input, the
Control Register and Attribute RAM. The user can achieve a
variety of functions by using these controls in different
combinations, such as full hardware display blank, software
blank, blanking of individual characters, and synchronized
flashing of individual characters or entire display (by strobing
the blank input). All of these blanking modes affect only the
output drivers, maintaining the contents and write capability
of the internal RAMs and Control Register, so that normal
loading of RAMs and Control Register can take place even with
the display blanked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com