Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 10Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 11Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 12Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 13Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Broadcom
- 10 -
HDLx-2416 Series
Data Sheet
Enlarged Character Font
NOTE
1.
Unless otherwise specified, the tolerance on all dimensions is ± 0.254 mm (0.010 inch).
2.
Dimensions are in mm (inches).
Electrical Description
Pin Function
Description
Chip Enable (CE1 and CE2, pins 1 and 2)
CE1 and CE2 must be a logic 0 to write to the display.
Clear (CLR, pin 3)
When CLR is a logic 0 the ASCII RAM is reset to 20hex (space) and the Control Register/Attribute
RAM is reset to 00hex.
Cursor Enable (CUE pin 4)
CUE determines whether the IC displays the ASCII or the Cursor memory. (1 = Cursor, 0 = ASCII).
Cursor Select (CU, pin 5)
CU determines whether data is stored in the ASCII RAM or the Attribute RAM/Control Register. (1
= ASCII, 0 = Attribute RAM/Control Register).
Write (WR, pin 6)
WR must be a logic 0 to store data in the display.
Address Inputs (A1 and A0, Pins 8 and 7)
A0–A1 selects a specific location in the display memory.
Address 00 accesses the far right display location.
Address 11 accesses the far left location.
Data Inputs (D0–D6, Pins 11-17)
D0–D6 are used to specify the input data for the display.
VDD (pin 9)
VDD is the positive power supply input.
GND (pin 10)
GND is the display ground.
Blanking Input (BL, pin 18)
BL is used to flash the display, blank the display or to dim the display.
0.80 (0.031)
TYP.
5.08
(0.200)
0.80 (0.031)
TYP.
0.25 (0.010)
TYP.
3.43 (0.135)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com