Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 10Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 11Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Broadcom
- 8 -
HDLx-2416 Series
Data Sheet
HDLA-2416
HDLY-2416
HDLG-2416
Parameter
Symbol
Min.
Typ.
Unit
Test Conditions
Average Luminous Intensity per Digit,
Character Average
IV
1.2
3.5
mcd
‘’*’’ Illuminated in All Four Digits.
19 Dots ON
Peak Wavelength
PEAK
600
nm
Dominant Wavelengtha
a.
Dominant wavelength,
d, derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device.
d
602
nm
Parameter
Symbol
Min.
Typ.
Unit
Test Conditions
Average Luminous Intensity per Digit,
Character Average
IV
1.2
3.75
mcd
‘’*’’ Illuminated in All Four Digits.
19 Dots ON
Peak Wavelength
PEAK
583
nm
Dominant Wavelengtha
a.
Dominant wavelength,
d, derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device.
d
585
nm
Parameter
Symbol
Min.
Typ.
Unit
Test Conditions
Average Luminous Intensity per Digit,
Character Average
IV
1.2
5.6
mcd
‘’*’’ Illuminated in All Four Digits.
19 Dots ON
Peak Wavelength
PEAK
568
nm
Dominant Wavelengtha
a.
Dominant wavelength,
d, derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device.
d
574
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com