Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button HDLA-2416 Datasheet HTML 10Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 11Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 12Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 13Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 14Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 15Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 16Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 17Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 18Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Broadcom
- 15 -
HDLx-2416 Series
Data Sheet
Table 1 shows how the Extended Function Disable (bit D6 of
the Control Register), Master Blank (bit D2 of the Control
Register), Digit Blank Disable (bit D1 of the Attribute RAM), and
BL input can be used to blank the display.
When the Extended Function Disable is a logic 1, the display
can be blanked only with the BL input. When the Extended
Function Disable is a logic 0, the display can be blanked
through the BL input, the Master Blank, and the Digit Blank
Disable. The entire display will be blanked if either the BL input
is logic 0 or the Master Blank is logic 1, providing all Digit Blank
Disable bits are logic 0. Those digits with Digit Blank Disable
bits a logic 1 will ignore both blank signals and remain ON. The
Digit Blank Disable bits allow individual characters to be
blanked or flashed in synchronization with the BL input.
Dimming
Dimming of the display is controlled through either the BL
input or the Control Register. A pulse width modulated signal
can be applied to the BL input to dim the display. A three bit
word in the Control Register generates an internal pulse width
modulated signal to dim the display. The internal dimming
feature is enabled only if the Extended Function Disable is a
logic 0.
Bits 3–5 in the Control Register provide internal brightness
control. These bits are interpreted as a three bit binary code,
with code (000) corresponding to the maximum brightness
and code (111) to the minimum brightness. In addition to
varying the display brightness, bits 3–5 also vary the average
value of IDD. IDD can be specified at any brightness level as
shown in Table 2.
Table 1 Display Blanking Truth Table
EFD
MB
DBDn
BL
0000
Display Blanked by BL
0
0X
1
Display ON
0
X
1
0
Display blanked by PL. Individual
characters "ON" based on "1" being
stored in DBDn
0
1
0
X
Display Blanked by MB
0111
Display Blanked by MB. Individual
characters "ON" based on "1" being
stored in DBDn
1
X
X
0
Display Blanked by BL
1
X
X
1
Display ON
Table 2 Current Requirements at Different Brightness Levels
Symbol
D5
D4
D3
Brightness
25°C Typ.
25°C Max.
Max. over Temp.
Unit
IDD(#)
000100%
110
130
160
mA
00160%
66
79
98
mA
01040%
45
53
66
mA
01127%
30
37
46
mA
10017%
20
24
31
mA
10110%
12
15
20
mA
1107%
9
11
15
mA
1113%
4
6
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com