Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button HDLA-2416 Datasheet HTML 3Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 10Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Broadcom
- 7 -
HDLx-2416 Series
Data Sheet
HDLS/HDLU-2416
Optical Characteristics at 25°C (see Note)
VDD = 5.0 V at Full Brightness
NOTE
Refers to the initial case temperature of the device immediately prior to the light measurement.
HDLS/HDLU-2416
HDLO-2416
Part Number
Parameter
Symbol
25°Ca
a.
VDD = 5.0 V.
Max.
Unit
Test Conditions
Typ.
Max.
HDLS-2416
IDD 4 digits
20 dots/characterb, c
b.
Average IDD measured at full brightness. Peak IDD = 28/15 × Average IDD(#).
c.
IDD(#) max. = 135 mA for HDLO/HDLA/HDLY/HDLG-2416, 146 mA for HDLS-2416, and 42 mA for HDLU-2416 at default brightness, 150 °C IC junction
temperature and VDD = 5.5 V.
IDD(#)
125
146
180
mA
Four “#” ON in All Four
Locations
HDLU-2416
344252
HDLS-2416
IDD Cursor all dots ON @
50%
IDD(CU)
105
124
154
mA
Four Cursors ON in All
Four Locations
HDLU-2416
293645
Part Number
Parameter
Symbol
Min.
Typ.
Unit
Test Conditions
HDLS-2416
Average Luminous Intensity per
Digit, Character Average
IV
4.0
12.7
mcd
‘’*’’ Illuminated in All Four Digits,
19 Dots ON per Digit
HDLU-2416
1.2
3.1
mcd
All
Peak Wavelength
PEAK
645
nm
Dominant Wavelengtha
a.
Dominant wavelength,
d, derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device.
d
637
nm
Parameter
Symbol
Min.
Typ.
Unit
Test Conditions
Average Luminous Intensity per Digit,
Character Average
IV
1.2
3.5
mcd
‘’*’’ Illuminated in All Four Digits.
19 Dots ON
Peak Wavelength
PEAK
635
nm
Dominant Wavelengtha
a.
Dominant wavelength,
d, derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device.
d
626
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com