Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HDLA-2416 Datasheet HTML 1Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 2Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 3Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Broadcom
- 1 -
Description
These are 5.0 mm (0.2 inch) four character 5×7 dot matrix
displays driven by an onboard CMOS IC. These displays are
pin-for-pin compatible with the HPDL-2416. The IC stores and
decodes 7-bit ASCII data and displays it using a 5×7 font.
Multiplexing circuitry, and drivers are also part of the IC. The IC
has fast setup and hold times that makes it easy to interface to
a microprocessor.
Absolute Maximum Ratings
Features
Enhanced drop-in replacement to HPDL-2416
Smart alphanumeric display
Built-in RAM, ASCII decoder, and LED drive circuitry
CMOS IC for low-power consumption
Software controlled dimming levels and blank
128 ASCII character set
End-stackable
Categorized for luminous intensity; Yellow and Green
categorized for color
Low-power and sunlight-viewable AlInGaP versions
Wide operating temperature range, –40°C to +85°C
Excellent ESD protection
Wide viewing angle (50° typ.)
ESD WARNING: Standard CMOS handling precautions should be
observed with the HDLX-2416.
Supply Voltage, VDD to Ground
a
a.
Maximum Voltage with no LEDs illuminated.
–0.5V to 7.0V
Input Voltage, Any Pin to Ground
–0.5V to VDD
+0.5V
Free Air Operating Temperature Range, TA
–40°C to +85°C
Storage Temperature, TS
–40°C to +100°C
CMOS IC Junction Temperature, TJ (IC)
+150°C
Relative Humidity (non-condensing) at 65°C
85%
Soldering Temperature [1.59 mm (0.063 in.)
Below Body]
Solder Dipping
Wave Soldering
260°C for 5 sec.
250°C for 3 sec.
ESD Protection, R = 1.5 k
, C = 100 pF
VZ = 2 kV (each
pin)
HDLx-2416 Series
Four Character 5.0 mm (0.2 inch) Smart 5×7
Alphanumeric Displays
Data Sheet


Similar Part No. - HDLA-2416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLA-2416 HP-HDLA-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLA-2416 AVAGO-HDLA-2416 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
More results

Similar Description - HDLA-2416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
Four Character Smart Alphanumeric Displays
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com