Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HDLA-2416 Datasheet HTML 1Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 2Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 3Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Broadcom
- 2 -
HDLx-2416 Series
Data Sheet
Devices
The address and data inputs can be directly connected to the
microprocessor address and data buses.
The HDLX-2416 has several enhancements over the
HPDL-2416. These features include an expanded character set,
internal 8-level dimming control, external dimming capability,
and individual digit blanking. Finally, the extended functions
can be disabled which allows the HDLX-2416 to operate
exactly like an HPDL-2416 by disabling all of the enhancements
except the expanded character set.
The difference between the sunlight viewable HDLS-2416 and
the low power HDLU-2416 occurs at power-on or at the default
brightness level. Following power up, the HDLS-2416 operates
at the 100% brightness level, while the HDLU-2416 operates at
the 27% brightness level. Power on sets the internal brightness
control (bits 3–5) in the control register to binary code (000).
For the HDLS-2416 binary code (000) corresponds to a 100%
brightness level, and for the HDLU-2416 binary code (000)
corresponds to a 27% brightness level. The other seven
brightness levels are identical for both parts.
Deep Red
High Efficiency Red
Orange
Yellow
Green
HDLS-2416
HDLO-2416
HDLA-2416
HDLY-2416
HDLG-2416
HDLU-2416
HDLO-2416-EF000
HDLG-2416-FG000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com