Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-2416 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HDLA-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HDLA-2416 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HDLA-2416 Datasheet HTML 1Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 2Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 3Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 4Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 5Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 6Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 7Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 8Page - Broadcom Corporation. HDLA-2416 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Broadcom
- 4 -
HDLx-2416 Series
Data Sheet
Pin Numbering and Location
Pin No.
Function
Pin No.
Function
1
CE1 Chip Enable
10
GND
2
CE2 Chip Enable
11
D0 Data Input
3
CLR Clear
12
D1 Data Input
4
CUE Cursor Enable
13
D2 Data Input
5
CU Cursor Select
14
D3 Data Input
6WR Write
15
D6 Data Input
7
A1 Address Input
16
D5 Data Input
8
A0 Address Input
17
D4 Data Input
9
VDD
18
BL Display Blank
CE1
GND
D0
D1
D2
D3
D6
D5
D4
BL
VDD
A0
A1
WR
CU
CUE
CLR
CE2
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
17
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com