Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 5 Page - Analog Devices

  AD5424 Datasheet HTML 1Page - Analog Devices AD5424 Datasheet HTML 2Page - Analog Devices AD5424 Datasheet HTML 3Page - Analog Devices AD5424 Datasheet HTML 4Page - Analog Devices AD5424 Datasheet HTML 5Page - Analog Devices AD5424 Datasheet HTML 6Page - Analog Devices AD5424 Datasheet HTML 7Page - Analog Devices AD5424 Datasheet HTML 8Page - Analog Devices AD5424 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD5424/AD5433/AD5445
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25 C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VREF, RFB to GND . . . . . . . . . . . . . . . . . . . . . . –12 V to +12 V
IOUT1, IOUT2 to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Logic Inputs and Output
2
. . . . . . . . . . . –0.3 V to VDD +0.3 V
Operating Temperature Range
Extended Industrial (Y Version) . . . . . . . . –40 C to +125 C
Storage Temperature Range . . . . . . . . . . . . . –65 C to +150 C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 C
16-Lead TSSOP JA Thermal Impedance . . . . . . . . . 150 C/W
20-Lead TSSOP JA Thermal Impedance . . . . . . . . . 143 C/W
20-Lead LFCSP JA Thermal Impedance . . . . . . . . . 135 C/W
Lead Temperature, Soldering (10 seconds) . . . . . . . . . . 300 C
IR Reflow, Peak Temperature (<20 seconds) . . . . . . . . 235 C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 Overvoltages at DBx,
CS, and R/W, will be clamped by internal diodes.
IOL
200 A
IOH
200 A
CL
50pF
TO
OUTPUT
PIN
VOH (MIN) + VOL (MAX)
2
Figure 2. Load Circuit for Data Output Timing Specifications
ORDERING GUIDE
Resolution INL
Temperature
Package
Model
(Bits)
(LSB)
Range
Package Description
Option
AD5424YRU
8
±0.25
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-16
AD5424YRU-REEL
8
±0.25
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5424YRU-REEL7
8
±0.25
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5424YCP
8
±0.25
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5424YCP-REEL
8
±0.25
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5424YCP-REEL7
8
±0.25
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5433YRU
10
±0.5
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5433YRU-REEL
10
±0.5
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5433YRU-REEL7
10
±0.5
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5433YCP
10
±0.5
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5433YCP-REEL
10
±0.5
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5433YCP-REEL7
10
±0.5
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5445YRU
12
±1
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5445YRU-REEL
12
±1
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5445YRU-REEL7
12
±1
–40 C to +125 CTSSOP (Thin Shrink Small Outline Package)
RU-20
AD5445YCP
12
±1
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5445YCP-REEL
12
±1
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
AD5445YCP-REEL7
12
±1
–40 C to +125 C
LFCSP (Chip Scale Package)
CP-20
EVAL-AD5424EB
Evaluation Kit
EVAL-AD5433EB
Evaluation Kit
EVAL-AD5445EB
Evaluation Kit
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD5424/AD5433/AD5445 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com