Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5424 Datasheet HTML 13Page - Analog Devices AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices AD5424 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD5424/AD5433/AD5445
–17–
SINGLE-SUPPLY APPLICATIONS
Current Mode Operation
Figure 6 shows a typical circuit for operation with a single 2.5 V to
5 V supply. In the current mode circuit of Figure 6, IOUT2 and
hence IOUT1 is biased positive by the amount applied to VBIAS. In
this configuration, the output voltage is given by
VD
R
R
V
V
V
OUT
FB
DAC
BIAS
IN
BIAS
=×
()×−
()
{}+
As D varies from 0 to 255 (AD5424), 1023 (AD5433), or
4095 (AD5445), the output voltage varies from VOUT = VBIAS
to VOUT = 2 VBIAS – VIN.
VBIAS should be a low impedance source capable of sinking and
sourcing all possible variations in current at the IOUT2 terminal.
VOUT
GND
VIN
IOUT2
IOUT1
RFB
VDD
VREF
VBIAS
C1
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY
2. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
VDD
A1
DAC
Figure 6. Single-Supply Current Mode Operation
Voltage Switching Mode of Operation
Figure 7 shows these DACs operating in the voltage-switching
mode. The reference voltage, VIN, is applied to the IOUT1 pin;
IOUT2 is connected to AGND; and the output voltage is avail-
able at the VREF terminal. In this configuration, a positive
reference voltage results in a positive output voltage making
single-supply operation possible. The output from the DAC is
voltage at a constant impedance (the DAC ladder resistance),
thus an op amp is necessary to buffer the output voltage. The
reference input no longer sees a constant input impedance, but
one that varies with code. So, the voltage input should be driven
from a low impedance source.
It is important to note that VIN is limited to low voltages be-
cause the switches in the DAC ladder no longer have the same
source-drain drive voltage. As a result, their on resistance dif-
fers, which degrades the linearity of the DAC. See TPCs 10–15.
Also, VIN must not go negative by more than 0.3 V or an inter-
nal diode will turn on, exceeding the max ratings of the device.
In this type of application, the full range of multiplying capabil-
ity of the DAC is lost.
VOUT
VDD
GND
VIN
IOUT2
IOUT1
RFB
VDD
VREF
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY
2. C1 PHASE COMPENSATION (1pF– 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
R2
R1
DAC
A1
Figure 7. Single-Supply Voltage Switching Mode Operation
POSITIVE OUTPUT VOLTAGE
Note that the output voltage polarity is opposite to the VREF
polarity for dc reference voltages. In order to achieve a positive
voltage output, an applied negative reference to the input of the
DAC is preferred over the output inversion through an inverting
amplifier because of the resistor tolerance errors. To generate a
negative reference, the reference can be level shifted by an op
amp such that the VOUT and GND pins of the reference become
the virtual ground and –2.5 V respectively, as shown in Figure 8.
VOUT =
0 TO +2.5V
VDD = 5V
GND
IOUT2
IOUT1
RFB
VDD
VREF
C1
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY
2. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
GND
VIN
VOUT
ADR03
+5V
–5V
1/2 AD8552
1/2 AD8552
–2.5V
8-/10-/12-BIT DAC
Figure 8. Positive Voltage Output with Minimum
of Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com