Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices AD5424 Datasheet HTML 21Page - Analog Devices AD5424 Datasheet HTML 22Page - Analog Devices AD5424 Datasheet HTML 23Page - Analog Devices AD5424 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
–22–
AD5424/AD5433/AD5445
Table VI. Bill of Materials for AD5424/AD5433/AD5445 Evaluation Board
Name
Part Description
Value
Tolerance
PCB Decal
Stock Code
C1, C2, C4,
C6, C8
X7R Ceramic Capacitor
0.1
F
10%
0603
FEC 499-675
C10, C12, C13,
C15
X7R Ceramic Capacitor
0.1
F
10%
0603
FEC 499-675
C3, C5, C9,
C11, C14
Tantalum Capacitor – Taj Series
10
F 20 V
10%
CAP\TAJ_B
FEC 197-427
C17, C19
X7R Ceramic Capacitor
0.1
F
10%
0603
FEC 499-675
C16, C18, C20
Tantalum Capacitor – Taj Series
10
F 10 V
10%
CAP\TAJ_A
FEC 197-130
C7
X7R Ceramic Capacitor
4.7 pF
10%
0603
CS
TESTPOINT
TESTPOINT
FEC 240-345 (Pack)
DB0–DB11
Red Testpoint
TESTPOINT
FEC 240-345 (Pack)
J1–J4
SMB Socket
SMB
FEC 310-682
LK1
3-Pin Header (3
1)
LINK-3P-
FEC 511-717 and 150-411
P1
36-Pin Centronics Connector
36WAY
FEC 147-753
P2
6-Pin Terminal Block
CON\POWER6
FEC 151-792
R1
0.063 W Resistor
0603
Not Inserted
R2, R3, R4, R5
0.063 W Resistor
10 k
Ω
1%
0603
FEC 911-355
RW, TP1, TP2
Red Testpoint
TESTPOINT
FEC 240-345 (Pack)
U1
AD5445
TSSOP20
AD5445BRU
U2
*
ADR425/ADR01/ADR02/ADR03
SO8NB
ADR01AR
U3
*
AD8065
SO8NB
AD8065AR
U4
74ABT543
TSSOP24
Fairchild 74ABT543CMTC
U5
74ABT543
TSSOP24
Fairchild 74ABT543CMTC
Each Corner
Rubber Stick-on Feet
FEC 148-922
*See section on Amplifier and Reference Selection
FEC - Farnell Electronic Components, Units 4 and 5 Gofton Court, Jamestown Road, Finglas, Dublin 11, Ireland. Tel. Int +353 (0)1 8309277
www.farnell.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com