Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5424 Datasheet HTML 2Page - Analog Devices AD5424 Datasheet HTML 3Page - Analog Devices AD5424 Datasheet HTML 4Page - Analog Devices AD5424 Datasheet HTML 5Page - Analog Devices AD5424 Datasheet HTML 6Page - Analog Devices AD5424 Datasheet HTML 7Page - Analog Devices AD5424 Datasheet HTML 8Page - Analog Devices AD5424 Datasheet HTML 9Page - Analog Devices AD5424 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
–6–
AD5424/AD5433/AD5445
TSSOP
AD5424
(Not to Scale)
IOUT1
IOUT2
GND
DB7
DB6
1
2
3
4
5
16
9
10 DB1
DB2
RFB
DB5
DB4
DB3
6
7
8
11
12
13
14
15 VREF
VDD
R/
W
CS
DB0 (LSB)
LFCSP
PIN 1
INDICATOR
TOP VIEW
AD5424
1
GND
2
DB7
3
DB6
4
DB5
5
DB4
15 R/
W
14
CS
13 NC
12 NC
11 NC
NC = NO CONNECT
PIN CONFIGURATIONS
AD5424 PIN FUNCTION DESCRIPTIONS
Pin No.
TSSOP
LFCSP
Mnemonic
Function
119
IOUT1
DAC Current Output.
220
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
31
GND
Ground
4–11
2–9
DB7–DB0
Parallel Data Bits 7 to 0.
10–13
NC
No Internal Connection.
12
14
CS
Chip Select Input. Active low. Used in conjunction with R/
W to load parallel data to the input
latch or to read data from the DAC register. Rising edge of
CS loads data.
13
15
R/
W
Read/Write. When low, used in conjunction with
CS to load parallel data. When high, use
with
CS to readback contents of DAC register.
14
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
15
17
VREF
DAC Reference Voltage Input Terminal.
16
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external
amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com