Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5424 Datasheet HTML 4Page - Analog Devices AD5424 Datasheet HTML 5Page - Analog Devices AD5424 Datasheet HTML 6Page - Analog Devices AD5424 Datasheet HTML 7Page - Analog Devices AD5424 Datasheet HTML 8Page - Analog Devices AD5424 Datasheet HTML 9Page - Analog Devices AD5424 Datasheet HTML 10Page - Analog Devices AD5424 Datasheet HTML 11Page - Analog Devices AD5424 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
–8–
AD5424/AD5433/AD5445
TSSOP
IOUT1
IOUT2
GND
DB9
DB6
1
2
3
4
5
20
14
RFB
DB5
6
7
8
15
16
17
18
19
VREF
VDD
R/
W
CS
12
DB3
DB4
9
10
13
11
DB8
DB7
AD5445
(Not to Scale)
DB11
DB10
DB0 (LSB)
DB1
DB2
LFCSP
PIN 1
INDICATOR
TOP VIEW
AD5445
1
GND
2
DB11
3
DB10
4
DB9
5
DB8
15 R/
W
14
CS
13 DB0
12 DB1
11 DB2
PIN CONFIGURATIONS
AD5445 PIN FUNCTION DESCRIPTIONS
Pin No.
TSSOP
LFCSP Mnemonic
Function
119
IOUT1
DAC Current Output.
220
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
31
GND
Ground Pin.
4–15
2–13
DB11–DB0
Parallel Data Bits 11 to 0.
16
14
CS
Chip Select Input. Active low. Rising edge of
CS loads data. Used in conjunction with R/W to
load parallel data to the input latch or to read data from the DAC register.
17
15
R/
W
Read/Write. When low, used in conjunction with
CS to load parallel data. When high, use with
CS to readback contents of DAC register.
18
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of +2.5 V to +5.5 V.
19
17
VREF
DAC Reference Voltage Input Terminal.
20
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external
amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com