Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5424 Datasheet HTML 8Page - Analog Devices AD5424 Datasheet HTML 9Page - Analog Devices AD5424 Datasheet HTML 10Page - Analog Devices AD5424 Datasheet HTML 11Page - Analog Devices AD5424 Datasheet HTML 12Page - Analog Devices AD5424 Datasheet HTML 13Page - Analog Devices AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
–12–
AD5424/AD5433/AD5445
0
20
40
60
80
0
1000
fOUT (kHz)
TA = 25 C
VREF = 3.5V
AD8038 AMPLIFIER
AD5445
100 200 300 400 500 600 700 800 900
MCLK = 5MHz
MCLK = 10MHz
MCLK = 25MHz
10
30
50
70
90
TPC 28. Wideband SFDR vs.
fOUT Frequency
05.0
FREQUENCY (MHz)
0.5 1.0 1.5
4.0 4.5
2.0 2.5 3.0 3.5
–90
–70
–50
–30
–10
–80
–60
–40
–20
0
TA = 25 C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
TPC 31. Wideband SFDR,
fOUT = 50 kHz, Clock = 10 MHz
–100
–40
–20
200
700
FREQUENCY (MHz)
250 300 350
600 650
–50
–30
–10
0
–90
400 450 500 550
TA = 25 C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
–60
–70
–80
TPC 34. Narrow-Band IMD,
fOUT = 400 kHz, 500 kHz,
Clock = 10 MHz
–90
–70
–50
–30
–10
012
FREQUENCY (MHz)
2468
10
–80
–60
–40
–20
0
TA = 25 C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
TPC 29. Wideband SFDR,
fOUT = 100 kHz, Clock = 25 MHz
–100
–70
–50
–30
–10
250
750
FREQUENCY (kHz)
300 350 400
650 700
–80
–60
–40
–20
0
–90
450 500 550 600
TA = 25 C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
TPC 32. Narrow-Band Spectral
Response, fOUT = 500 kHz,
Clock = 25 MHz
–100
–40
–20
70
120
FREQUENCY (MHz)
75
80
85
110 115
–50
–30
–10
0
–90
90
95 100 105
TA = 25 C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
–60
–70
–80
TPC 35. Narrow-Band IMD,
fOUT = 90 kHz, 100 kHz,
Clock = 10 MHz
–100
–70
–50
–30
–10
05.0
FREQUENCY (MHz)
0.5 1.0 1.5
4.0 4.5
–80
–60
–40
–20
0
–90
2.0 2.5 3.0 3.5
TA = 25 C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
TPC 30. Wideband SFDR,
fOUT = 500 kHz, Clock = 10 MHz
–120
–60
–20
50
150
FREQUENCY (MHz)
60
70
80
130 140
–80
–40
0
20
–100
90 100 110 120
TA = 25 C
VDD = 3V
AMP = AD8038
AD5445
65k CODES
TPC 33. Narrow-Band SFDR,
fOUT = 100 kHz, MCLK = 25 MHz
–100
–40
–20
20
70
FREQUENCY (MHz)
25
30
35
60
65
–50
–30
–10
0
–90
40
45
50
55
TA = 25 C
VDD = 5V
AMP = AD8038
AD5445
65k CODES
–60
–70
–80
MCLK 10MHz
VDD 5V
TPC 36. Narrow-Band IMD,
fOUT = 40 kHz, 50 kHz,
Clock = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com