Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices AD5424 Datasheet HTML 21Page - Analog Devices AD5424 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
–18–
AD5424/AD5433/AD5445
ADDING GAIN
In applications where the output voltage is required to be greater
than VIN, gain can be added with an additional external amplifier or
it can also be achieved in a single stage. It is important to consider
the effect of temperature coefficients of the thin film resistors of
the DAC. Simply placing a resistor in series with the RFB resistor
will cause mismatches in the temperature coefficients resulting in
larger gain temperature coefficient errors. Instead, the circuit of
Figure 9 is a recommended method of increasing the gain of the
circuit. R1, R2, and R3 should all have similar temperature coef-
ficients, but they need not match the temperature coefficients of the
DAC. This approach is recommended in circuits where gains of
great than 1 are required.
VOUT
VDD
GND
IOUT2
IOUT1
RFB
VDD
VREF
C1
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY
2. C1 PHASE COMPENSATION (1pF– 2pF) MAY BE
REQUIRED IF A1 IS A HIGH SPEED AMPLIFIER.
R3
R2
R1
VIN
R1 = R2R3
R2 + R3
GAIN = R2 + R3
R2
8-/10-/12-BIT DAC
Figure 9. Increasing Gain of Current Output DAC
USING DACS AS A DIVIDER OR A PROGRAMMABLE
GAIN ELEMENT
Current steering DACs are very flexible and lend themselves to
many different applications. If this type of DAC is connected as
the feedback element of an op amp and RFB is used as the input
resistor as shown in Figure 10, then the output voltage is inversely
proportional to the digital input fraction D. For D = 1 – 2
n the
output voltage is
VV
D
V
OUT
IN
IN
n
=−
=−
−
()−
12
As D is reduced, the output voltage increases. For small values
of the digital fraction D, it is important to ensure that the
amplifier does not saturate and also that the required accuracy
is met. For example, an 8-bit DAC driven with the binary code
10H (00010000), i.e., 16 decimal, in the circuit of Figure 10
should cause the output voltage to be 16
VIN. However, if the
DAC has a linearity specification of
±0.5 LSB then D can in
fact have the weight anywhere in the range 15.5/256 to 16.5/256
so that the possible output voltage will be in the range 15.5 VIN to
16.5 VIN—an error of +3% even though the DAC itself has a
maximum error of 0.2%.
VOUT
VDD
GND
VIN
IOUT2
IOUT1
RFB VDD
VREF
NOTE
ADDITIONAL PINS OMITTED FOR CLARITY
Figure 10. Current Steering DAC Used as a Divider
or Programmable Gain Element
Table III. Suitable ADI Precision References Recommended for Use with AD5424/AD5433/AD5445 DACs
Part No.
Output Voltage
Initial Tolerance
Temperature Drift
0.1 Hz to 10 Hz Noise
Package
ADR01
10 V
0.1%
3 ppm/
°C
20
V p-p
SC70, TSOT, SOIC
ADR02
5 V
0.1%
3 ppm/
°C
10
V p-p
SC70, TSOT, SOIC
ADR03
2.5 V
0.2%
3 ppm/
°C
10
V p-p
SC70, TSOT, SOIC
ADR425
5 V
0.04%
3 ppm/
°C
3.4
V p-p
MSOP, SOIC
Table IV. Some Precision ADI Op Amps Suitable for Use with AD5424/AD5433/AD5445 DACs
Part No.
Max Supply Voltage (V)
VOS (max) ( V)
IB (max) (nA)
GBP (MHz)
Slew Rate (V/ s)
OP97
±20
25
0.1
0.9
0.2
OP1177
±18
60
2
1.3
0.7
AD8551
±65
0.05
1.5
0.4
Table V. Some High Speed ADI Op Amps Suitable for Use with AD5424/AD5433/AD5445 DACs
Max Supply Voltage
BW @ ACL
Slew Rate
VOS (max)
IB (max)
Part No.
(V)
(MHz)
(V/ s)
( V)
(nA)
AD8065
±12
145
180
1500
0.01
AD8021
±12
200
100
1000
1000
AD8038
±5
350
425
3000
0.75
AD9631
±5
320
1300
10000
7000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com