Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5424 Datasheet HTML 12Page - Analog Devices AD5424 Datasheet HTML 13Page - Analog Devices AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. 0
–16–
AD5424/AD5433/AD5445
VOUT = –VREF TO +VREF
GND
VREF
10V
IOUT2
IOUT1
VDD
VREF
NOTES
1. R1 AND R2 ARE USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
ADJUST R1 FOR VOUT = 0 V WITH CODE 10000000 LOADED TO DAC.
2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS R3 AND R4.
3. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED IF A1/A2 IS
A HIGH SPEED AMPLIFIER.
AGND
R3
10k
AD5424/
AD5433/AD5445
R5
20k
R4
10k
A2
R1
VDD
RFB
R2
C1
CS
R/
W
DATA
INPUTS
A1
Figure 5. Bipolar Operation (4-Quadrant Multiplication)
Bipolar Operation
In some applications, it may be necessary to generate full
4-quadrant multiplying operation or a bipolar output swing. This
can be easily accomplished by using another external amplifier and
some external resistors as shown in Figure 5. In this circuit, the
second amplifier A2 provides a gain of 2. Biasing the external
amplifier with an offset from the reference voltage results in full
4-quadrant multiplying operation. The transfer function of this
circuit shows that both negative and positive output voltages
are created as the input data (D) is incremented from code
zero (VOUT = –VREF) to midscale (VOUT = 0 V ) to full scale
(VOUT = +VREF).
VV
D
V
OUT
REF
n
REF
=×
()−
−
2
1
where D is the fractional representation of the digital word loaded
to the DAC and n is the resolution of the DAC.
D= 0 to 255 (8-Bit AD5424)
= 0 to 1023 (10-Bit AD5433)
= 0 to 4095 (12-Bit AD5445)
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication.
Table II shows the relationship between digital code and the
expected output voltage for bipolar operation (AD5426, 8-bit
device).
Table II. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (127/128)
1000 0000
0
0000 0001
–VREF (127/128)
0000 0000
–VREF (128/128)
Stability
In the I-to-V configuration, the IOUT of the DAC and the invert-
ing node of the op amp must be connected as close as possible,
and proper PCB layout techniques must be employed. Since
every code change corresponds to a step function, gain peaking
may occur if the op amp has limited GBP and there is excessive
parasitic capacitance at the inverting node. This parasitic capaci-
tance introduces a pole into the open-loop response, which can
cause ringing or instability in closed-loop applications.
An optional compensation capacitor, C1, can be added in parallel
with RFB for stability as shown in Figures 4 and 5. Too small a
value of C1 can produce ringing at the output, while too large
a value can adversely affect the settling time. C1 should be
found empirically but 1 pF to 2 pF is generally adequate
for compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com