Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices AD5424 Datasheet HTML 21Page - Analog Devices AD5424 Datasheet HTML 22Page - Analog Devices AD5424 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD5424/AD5433/AD5445
–19–
DAC leakage current is also a potential error source in divider
circuits. The leakage current must be counterbalanced by an
opposite current supplied from the op amp through the DAC.
Since only a fraction D of the current into the VREF terminal is
routed to the IOUT1 terminal, the output voltage has to change
as follows:
Output Error Voltage Due to DAC Leakage = (Leakage
R)/D
where R is the DAC resistance at the VREF terminal. For a DAC
leakage current of 10 nA, R = 10 k
Ω and a gain (i.e., 1/D) of 16
the error voltage is 1.6 mV.
REFERENCE SELECTION
When selecting a reference for use with the AD5424 series of
current output DACs, pay attention to the references output
voltage temperature coefficient specification. This parameter not
only affects the full-scale error, but can also affect the linearity
(INL and DNL) performance. The reference temperature coeffi-
cient should be consistent with the system accuracy specifications.
For example, an 8-bit system required to hold its overall specifi-
cation to within 1 LSB over the temperature range 0 C to 50 C
dictates that the maximum system drift with temperature should
be less than 78 ppm/ C. A 12-bit system with the same tempera-
ture range to overall specification within 2 LSBs requires a
maximum drift of 10 ppm/ C. By choosing a precision reference
with low output temperature coefficient this error source can be
minimized. Table III suggests some references available from
Analog Devices that are suitable for use with this range of cur-
rent output DACs.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an
amplifier with low input bias currents and low input offset voltage.
The input offset voltage of an op amp is multiplied by the vari-
able gain (due to the code dependent output resistance of the
DAC) of the circuit. A change in this noise gain between two
adjacent digital fractions produces a step change in the output
voltage due to the amplifier’s input offset voltage. This output
voltage change is superimposed on the desired change in output
between the two codes and gives rise to a differential linearity error,
which if large enough, could cause the DAC to be nonmonotonic.
In general, the input offset voltage should be <1/4 LSB to ensure
monotonic behavior when stepping through codes.
The input bias current of an op amp also generates an offset at
the voltage output as a result of the bias current flowing in the
feedback resistor RFB. Most op amps have input bias currents
low enough to prevent any significant errors in 12-bit applications.
Common-mode rejection of the op amp is important in voltage
switching circuits since it produces a code dependent error at the
voltage output of the circuit. Most op amps have adequate common
mode rejection for use at 8-, 10-, and 12-bit resolution.
Provided the DAC switches are driven from true wideband
low impedance sources (VIN and AGND), they settle quickly.
Consequently, the slew rate and settling time of a voltage switching
DAC circuit is determined largely by the output op amp. To
obtain minimum settling time in this configuration, it is important
to minimize capacitance at the VREF node (voltage output node
in this application) of the DAC. This is done by using low
inputs capacitance buffer amplifiers and careful board design.
Most single-supply circuits include ground as part of the analog
signal range, which in turns requires an amplifier that can handle
rail-to-rail signals; there is a large range of single-supply amplifiers
available from Analog Devices.
PCB LAYOUT AND POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5424/AD5433/AD5445 is mounted should be designed so
that the analog and digital sections are separated, and confined
to certain areas of the board. If the DAC is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
These DACs should have ample supply bypassing of 10 F in
parallel with 0.1 F on the supply located as close to the package
as possible, ideally right up against the device. The 0.1 F capaci-
tor should have low effective series resistance (ESR) and effective
series inductance (ESI), like the common ceramic types that
provide a low impedance path to ground at high frequencies, to
handle transient currents due to internal logic switching. Low
ESR 1
F to 10
F tantalum or electrolytic capacitors should
also be applied at the supplies to minimize transient disturbance
and filter out low frequency ripple.
Fast switching signals such as clocks should be shielded with
digital ground to avoid radiating noise to other parts of the board,
and should never be run near the reference inputs.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
reduces the effects of feedthrough through the board. A micros-
trip technique is by far the best, but not always possible with a
double-sided board. In this technique, the component side of
the board is dedicated to ground plane, while signal traces are
placed on the solder side.
It is good practice to employ compact, minimum lead length
PCB layout design. Leads to the input should be as short as
possible to minimize IR drops and stray inductance.
The PCB metal traces between VREF and RFB should also be
matched to minimize gain error. To maximize on high frequency
performance, the I-to-V amplifier should be located as close to
the device as possible.
EVALUATION BOARD FOR THE AD5424/AD5433/AD5445
The board consists of a 12-bit AD5445 and a current to voltage
amplifier AD8065. Included on the evaluation board is a 10 V
reference ADR01. An external reference may also be applied via
an SMB input.
The evaluation kit consists of a CD-ROM with self-installing
PC software to control the DAC. The software simply allows
the user to write a code to the device.
OPERATING THE EVALUATION BOARD
Power Supplies
The board requires
±12 V, and +5 V supplies. The +12 V VDD
and VSS are used to power the output amplifier, while the +5 V
is used to power the DAC (VDD1) and transceivers (VCC).
Both supplies are decoupled to their respective ground plane
with 10
F tantalum and 0.1
F ceramic capacitors.
Link1 (LK1) is provided to allow selection between the on-board
reference (ADR01) or an external reference applied through J2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com