Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5424 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5424 Datasheet HTML 11Page - Analog Devices AD5424 Datasheet HTML 12Page - Analog Devices AD5424 Datasheet HTML 13Page - Analog Devices AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. 0
AD5424/AD5433/AD5445
–15–
DAC SECTION
The AD5424, AD5433, and AD5445 are 8-, 10- and 12-bit
current output DACs consisting of a standard inverting R-2R
ladder configuration. A simplified diagram for the 8-bit AD5424
is shown in Figure 3. The matching feedback resistor RFB has a
value of R. The value of R is typically 10 k
Ω (minimum 8 kΩ
and maximum 12 k
Ω). If IOUT1 and IOUT2 are kept at the same
potential, a constant current flows in each ladder leg, regardless
of digital input code. Therefore, the input resistance presented
at VREF is always constant and nominally of resistance value R.
The DAC output (IOUT) is code-dependent, producing various
resistances and capacitances. External amplifier choice should
take into account the variation in impedance generated by the
DAC on the amplifiers inverting input node.
VREF
IOUT2
DAC DATA LATCHES
AND DRIVERS
2R
S1
2R
S2
2R
S3
2R
S8
2R
R
R
R
IOUT1
RFB A
R
Figure 3. Simplified Ladder
Access is provided to the VREF, RFB, IOUT1 and IOUT2 terminals
of the DAC, making the device extremely versatile and allowing it
to be configured in several different operating modes, for example,
to provide a unipolar output, 4-quadrant multiplication in bipo-
lar mode or in single-supply modes of operation. Note that a
matching switch is used in series with the internal RFB feedback
resistor. If users attempt to measure RFB, power must be applied
to VDD to achieve continuity.
PARALLEL INTERFACE
Data is loaded to the AD5424/33/45 in the format of an 8-, 10-, or
12-bit parallel word. Control lines
CS and R/W allow data to be
written to or read from the DAC register. A write event takes place
when
CS and R/W are brought low, data available on the data
lines fills the shift register, and the rising edge of
CS latches the
data and transfers the latched data-word to the DAC register.
The DAC latches are not transparent, thus a write sequence must
consist of a falling and rising edge on
CS to ensure data is loaded
to the DAC register and its analog equivalent reflected on the
DAC output.
A read event takes place when R/
W is held high and CS is brought
low. Now data is loaded from the DAC register back to the input
register and out onto the data line where it can be read back to
the controller for verification or diagnostic purposes.
CIRCUIT OPERATION
Unipolar Mode
Using a single op amp, these devices can easily be configured to
provide 2-quadrant multiplying operation or a unipolar output
voltage swing as shown in Figure 4.
VOUT =
0 TO –VREF
GND
VREF
IOUT2
IOUT1
RFB
AGND
AD5424/
AD5433/AD5445
NOTES
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
2. C1 PHASE COMPENSATION (1pF – 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
R1
R2
A1
VREF
VDD
VDD
C1
CS
R/
W
DATA
INPUTS
Figure 4. Unipolar Operation
When an output amplifier is connected in unipolar mode, the
output voltage is given by
VV
OUT
REF
=×
–
D
n
2
where D is the fractional representation of the digital word loaded
to the DAC and n is the resolution of the DAC.
D= 0 to 255 (8-Bit AD5424)
= 0 to 1023 (10-Bit AD5433)
= 0 to 4095 (12-Bit AD5445)
Note that the output voltage polarity is opposite to the VREF
polarity for dc reference voltages.
These DACs are designed to operate with either negative or
positive reference voltages. The VDD power pin is only used
by the internal digital logic to drive the DAC switches’ on
and off states.
These DACs are also designed to accommodate ac reference
input signals in the range of –10 V to +10 V.
With a fixed 10 V reference, the circuit shown in Figure 4 will
give a unipolar 0 V to –10 V output voltage swing. When VIN is
an ac signal, the circuit performs 2-quadrant multiplication.
Table I shows the relationship between digital code and expected
output voltage for unipolar operation. (AD5424, 8-bit device).
Table I. Unipolar Code Table
Digital Input
Analog Output (V)
1111 1111
–VREF (255/256)
1000 0000
–VREF (128/256) = –VREF/2
0000 0001
–VREF (1/256)
0000 0000
–VREF (0/256) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com