Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 4 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 4 Page - Texas Instruments

  RI-RFM-006A-00 Datasheet HTML 1Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 2Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 3Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 4Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 5Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 3 of 19
! Overview
RI-RFM-006A is a CMOS-technology based RF-module IC which integrates all transmitter-receiver
functions required for constructing a TIRIS Read-Write System into one single chip.
RI-RFM-006A consists of a transmitter signal control logic which generates signals for power
transmission and for sending the data you wrote to a remote TIRIS transponder, and a receiver which
amplifies and demodulates frequency shift keyed (FSK) signals received from this transponder.
Therefore, RI-RFM-006A is beneficially usable for constructing, in particular, a compact TIRIS Read-
Write System at a reduced cost. Furthermore, demodulation of the FSK signals received in its receiver
from a remote transponder is entirely digitized; this completely eliminates the need of regulations and
lessens the number of required external parts, thus enhancing the operational reliability of the system.
! Features
The TIRIS RF-Module IC for Automotive Application, RI-RFM-006A, provides the following features
amongst others:
• It incorporates a transmitter circuit with power selector and an open drain transmission power pre-
driver.
• Also incorporated are a receiver signal amplifier and a digitized FSK signal demodulator.
• I/O specifications: Conform to TIRIS standard RF-module specifications, with available signals of
TXCT-, RXDT-(*) and RXCK only.
(*) For RXDT- signals, this RF-module has a reverse polarity in relation to TIRIS standard
RF-modules. See the section “Description of Pins” for more information.
• Operating supply voltage: 4.5 V to 5.5 V
• Operating temperature range: -40 °C to +85 °C
• Package: 16-pin SO package
• Structure: CMOS process
! TIRIS System Configuration (Schematic Diagram)
TIRIS transponder
Controller
Serial
transmission
TIRIS RF-module
RI45538NS
TIRIS Read-Write System
Transmitter-receiver
Antenna
FSK
ASK
TIRIS System Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com