Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 14 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 14 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 11Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 12Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 13Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 14Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 15Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 16Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 17Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 13 of 19
! Applied Circuit Configuration - Example
Shown below is an example of applied circuit configuration for constructing a TIRIS Transmit-Receive
RF-module using the RI-RFM-006A. This example illustrates a simplified amplifier circuit for received
signals by eliminating a frequency band rejection filter which effectively eliminates external noises and
signals out of the frequency band of the response signals from the remote TIRIS transponder. In this
configuration, therefore, it is assumed that the available data communication distance of the system could
be easily affected by environmental conditions.
Note that this is only one of various possible applications. For more information of applied circuit
configurations, refer to the Application Handbook issued by our TIRIS Operation Dept.
* When configuring an applied circuit, take the following into account:
• Choose the capacity of a resonance capacitor for clock generator oscillator in accordance with the
oscillator characteristics.
• Define the frequency accuracy and variation of the clock generator oscillator by conversion based on
the specifications for the TIRIS transponder to be used together so that it can be within the range of
17.17248 MHz to 17.18272 MHz (standard frequency: 17.1776 MHz).
• Select the values at resonance points around 134.2 kHz for L and C of the antenna circuit,
respectively. (In the example illustrated above, the following combination is used: antenna: 48
µH;
capacitor: 0.03
µF = 0.01 µF x 3 units)
• It is desirable to use a MOSFET having a low on-state resistance for antenna driver
TMS57780NS
9
10
11
12
13
14
15
16
5
1234
678
ANTENNA
VCC
GND
TXCT
RXDT
RXCK
NC
1M
1200pF
68pF
68pF
68pF
0.01uF 0.01uF 0.01uF
120pF
120pF
1M
10K
100
1S1588
1S1588
120
100uF
0.1uF
17.1776MHz
(*)
(*)
2SJ182
2SK974
(L=48uH)
RI45538NS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com