Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 5 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 5 Page - Texas Instruments

  RI-RFM-006A-00 Datasheet HTML 1Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 2Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 3Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 4Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 5Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 4 of 19
! Internal Block Diagram and Pin Assignment
16
1
2
3
4
5
6
7
89
10
11
12
13
14
15
DIGITAL
DEMODULATOR
CONTROL
LOGIC
TRANSMITTER
NCH OPEN DRAIN
PCH OPEN DRAIN
MOS INVERTER
MOS INVERTER
MOS INVERTER
A3OP
A3IN
A2OP
A2IN
A1OP
A1IN
TXLO
TXHI
OSCI
OSCO
GND
VCC
TPC
TXCT-
RXDT-
RXCK
OSCILLATOR
Name
I/O Function
Name
I/O Function
A3OP
CMOS INVERTER-3/FSK SIGNAL OUTPUT
OSCI
OSCILLATOR INPUT(17.1776MHz typ.)
A3IN
CMOS INVERTER-3/FSK SIGNAL INPUT
OSCO OSCILLATOR OUTPUT
A2OP
CMOS INVERTER-2 OUTPUT
GND
GND(POWER SUPPLY)
A2IN
CMOS INVERTER-2 INPUT
VCC
VCC(POWER SUPPLY)
A1OP
CMOS INVERTER-1 OUTPUT
TPC
TX-POWER Hi/Lo SELECT SIG. INPUT
A1IN
CMOS INVERTER-1 INPUT
TXCT- TX-OUTPUT CONTROL SIGNAL INPUT
TXLO TX-OUTPUT(NCH OPEN DRAIN OUTPUT)
RXDT- RX-DATA("L"="1","H"="0") OUTPUT
TXHI
TX-OUTPUT(PCH OPEN DRAIN OUTPUT)
RXCK RX-DATA CLOCK OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com