Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 8 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 8 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 4Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 5Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 11Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 7 of 19
3.
Receiving Mode
In the Receiving Mode, the frequency-shift-keyed data signals are sequentially digitized to discriminate
their frequencies by binary notation (high-low) and demodulate them into bit strings consisting of bit data
“1” and “0”.
For binary discrimination of signal frequencies between high and low, the frequency level of each
FS-keyed signal is measured from its leading edge at the “A3OP” terminal through to the next leading
edge by count of the internal master clock, as shown below. The threshold for this counted value
(x in the diagram below) is fixed at 132; when the clock count is over 132, it results in a negative level
output at the “RXDT-“ terminal (bit data ”1”), and when the clock count does not reach 132, a positive
level output at the same terminal (bit data “0”), respectively.
As the normal frequency of the internal master clock is 17.1776 MHz, one clock count is equivalent to
130.133... kHz (17.1776 MHz divided by 132 = 130.133... kHz). Accordingly, a signal is identified as bit
data “1” with the resulting negative level output at the “RXDT-“ terminal when the signal frequency at
the “A3OP” terminal is 130.133... kHz or less, and it is identified as bit data “0” with the resulting
positive level output at the “RXDT-“ terminal when the signal frequency at the “A3OP” terminal is over
130.133... kHz.
An additional feature is included to maximize the stability of the above-mentioned FSK signal
demodulating system based on binary notation: the system incorporates a circuit which disables definition
of an “RXDT-“ signal unless more than four consecutive FS-keyed signal waves are identified within the
same frequency band during binary discrimination. This protects the once defined “RXDT-“ signal in the
bit data form from being affected by sporadic events. For instance, even when its discrimination result is
sporadically inverted due to some noise effects, it is not affected if only three or less consecutive FS-
keyed signal waves are identified at the “A3OP” terminal. (See the diagram below.)
Note: For the timing between “A3OP” and “RXDT-“ signals, refer to the section describing
“Input-Output Specifications”.
The signals demodulated through the above-mentioned process are sequentially output from the “RXDT-“
Internal master clock
Signals discriminated
at A3OP terminal
Clock counts
1
1
234
56
X
X-1
23
4567
Internal frequency
discriminating signals
Signal
discriminated
at A3OP terminal
RXDT- terminal
output signals
DATA VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com