Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 12 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 12 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 11Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 12Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 13Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 14Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 15Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 11 of 19
Item
Signal
Min.
Typical
Max.
Unit
A3OP cycle time for normal FSK signal
demodulation
tc(A3OP)
2Tc(OSC)
nS
A3OP positive level pulse duration for normal
FSK signal demodulation
twh(A3OP)
1Tc(OSC)
nS
A3OP cycle time for negative level output of
RXDT- signal (bit data “1”)
tc(A3OP) 132Tc(OSC)
nS
Delay time between A3OP and RXCK leading
edges
tdh(RXCK)
1Tc(OSC) nS
Delay time between A3OP leading edge and
RXCK trailing edge
tdl(RXCK)
1Tc(OSC) nS
RXCK cycle time
tc(RXCK)
16Tc(A3)
nS
RXCK positive level pulse duration
twh(RXCK)
8Tc(A3)
nS
Delay time from consecutive A3OP identical
signal waves to definition of an RXDT- signal
td(RXDT)
16Tc(A3)+1Tc(OSC) nS
RXDT- positive/negative level duration, definite tw(RXDT)
16Tc(A3)
nS
RXDT- signal setup time in relation to RXCK
signal
ts(RXDT) 4Tc(A3)-1Tc(OSC)
nS
RXDT-signal hold time in relation to RXCK
signal
th(RXDT) 4Tc(A3)-1Tc(OSC)
nS
Note: “Tc(A3)” denotes the signal cycle at the “A3OP” terminal and the above values are
based on the condition that a bit data group composed of sixteen consecutive signal waves
belonging to the same frequency band (sent from a remote TIRIS transponder in normal
operating conditions) has been previously input; otherwise, the values shown in the table
below shall apply.
Item
Signal
Min.
Typical
Max.
Unit
RXCK cycle time (except for normal signal
receiving)
tc(RXCK)
9Tc(A3)
nS
RXCK positive level pulse duration (except for
normal signal receiving)
twh(RXCK)
1Tc(A3)
nS
RXDT-
positive/negative
level
duration,
definite (except for normal signal receiving)
tw(RXDT)
9Tc(A3)
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com