Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 19 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 19 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 12Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 13Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 14Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 15Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 16Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 17Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 18Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 19Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 18 of 19
Wiring for Antenna Circuit
As previously described, the FSK signals sent from a remote TIRIS transponder are normally found
within a band of 120 kHz to 140 kHz. Therefore, the signal receiving circuit of this TIRIS Transmitter-
Receiver System is designed so that the signal amplification factor is necessarily highest within this band.
Because of this, all signals and noises which are produced by other devices and whose frequencies fall
within this band greatly affect the system performance, especially, its available data communication
distance with the remote TIRIS transponder among others.
In the same way, they have quite the undesirable effect not only upon the environment in which the
proper antenna for the system is found, but also upon the wire used to connect it with the IC’s “A1IN” pin
which works as the first-phase amplifier for received signals. Furthermore, if there are wires for square or
pulse wave logic signals containing high-frequency components (even though their fundamental
frequencies are low) very close to this antenna connection wire, the system’s available data
communication distance with the remote TIRIS transponder is further shortened due to the adverse
effects of such wires. For all that, if there is no other alternative than to use a long wiring between the IC
and its external antenna, it is suggested that a shielded wire be used for antenna wiring in either way as
illustrated below. With this, the antenna wiring will be less susceptible to the aforementioned adverse
effects.
a. When the antenna is driven first.
b. When the capacitor is driven first.
RI45538NS
7
8
TXLO
TXHI
To receiver amplifier
Shielded wire
Antenna
Antenna resonance capacitor
RI45538NS
78
TXLO
TXHI
To receiver amplifier
Shielded wire
Antenna
Antenna resonance capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com