Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 10 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 10 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 11Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 12Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 13Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 9 of 19
! Electrical Specifications
Absolute Maximum Rating
Supply voltage
(VCC)
- 0.5 to 7.0V
Input voltage range
(Vi)
- 0.5 to 7.0V
Output voltage range
(Vo)
- 0.5 to 7.0V
Input clamping current
(Iik)
± 20 mA
Output clamping current
(Vok)
± 20 mA
Output current
(Iout(Vout=0 to Vcc))
± 25 mA
Operating temperature
(TA)
- 40 to +85ºC
Storage temperature
(Tstg)
- 65 to +150ºC
Recommended Operating Conditions
Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VCC
3.5
5.5
V
High-level input voltage, VIH
0.7Vcc
V
Low-level input voltage, VIL
0.2Vcc
V
Operating free-air temperature, TA
-40
85
°
C
Electrical Characteristics (VCC=5.0V, TA=25°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Vth
Hysteresis voltage
1.7
V
IOH High-level output current
(TXHI)
(A2OP,A3OP)
(A1OP)
VOH=3.7V
6.8
20
73
144
mA
mA
uA
uA
IOL Low-level output current
(TXLO)
(A2OP,A3OP)
(A1OP)
VOL=0.5V
-6.8
-20
-72
-144
mA
mA
uA
uA
Ci
Input capacitance
7.4
pF
Icc Supply current
35
mA
Note: Unless otherwise specified, all the voltage values indicated above are those measured
versus the “GND” pin of this RF-module IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com