Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 9 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 9 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 5Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 11Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 12Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 8 of 19
terminal in bit strings (“1” or “0”). To delimit these continuous bit strings, clock signals are output from
the “RXCK” terminal in synchronization with each bit data.
In normal operating conditions (when data communication can be properly performed between the RI-
RFM-006A and a TIRIS transponder), each bit data group sent from the remote transponder is composed
of sixteen consecutive signal waves belonging to the same frequency band (consisting of two wave
groups, 134.2-kHz high and 123.2-kHz low in terms of normal values). Therefore, clock signals at a
frequency resulting from a simple division of the “A3OP” terminal signal frequency by 16, are output
from the “RXCK” terminal. Then, each “RXCK” clock signal is controlled for output so that its first
transition falls after four consecutive “A3OP” signal waves from the “RXDT-“ signal change point. This
enables an external controller to obtain the relevant bit data without fail provided that each “RXDT-“
signal is fetched well timed with the first transition of each “RXCK” signal. (See the diagram below.)
Sometimes at starting or during data receiving, some bit data group (composed of sixteen consecutive
signal waves belonging to the same frequency band) may be affected by interference noise, this causing
the number of its waves to vary and the consequent synchronous discrepancy between “RXDT-“ and
“RXCK” signals. To correct this discrepancy, the sixteenth dividing counter of frequency incorporated in
this RF-module IC for “RXCK” clock signal generation are always reset at the moment at which any
internal demodulated bit data changes from “0” to “1” so that “RXCK” terminal signals are forcibly
output at L-level with the timing shown below. This correction is made automatically regardless of
whether or not receiving signals are properly input. (The frequency dividing counter is not reset at bit
data change from “1” to “0”.)
Note: For details about timing among these signals, refer to the section describing “Input-
Output Specifications”.
A3OP terminal signal
RXCK terminal output
DATA VALID
RXDT- terminal output
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
One bit data group (16 waves)
4 waves
4 waves
8 waves
A3OP terminal signal
RXCK terminal output
RXDT- terminal output
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
DATA="0"
16
DATA="1"
15
13
(each duration is equivalent to four A3OP terminal
Timing is controlled so that these durations are uniform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com