Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 6 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 6 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 2Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 3Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 4Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 5Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 5 of 19
! Description of Pins
Pin #
Signal
I/O
Description
1
A3OP
O
Signal output from CMOS inverter-3 amplifier; this pin is connected to the
internal FSK signal digital demodulator.
2
A3IN
I
Signal input to CMOS inverter-3 amplifier; if an external circuit is used to
amplify FSK signals, the amplified signals are input through this pin.
3
A2OP
O
Signal output from CMOS inverter-2 amplifier.
4
A2IN
I
Signal input to CMOS inverter-2 amplifier.
5
A1OP
O
Signal output from CMOS inverter-1 amplifier.
6
A1IN
I
I 16. Signal input to CMOS inverter-1 amplifier.
7
TXLO
Negative open
drain output
Negative level output of transmission signals; this output drives the
n-channel MOSFET used as antenna driver.
8
TXHI
Positive open
drain output
Positive level output of transmission signals; this output drives the
p-channel MOSFET used as antenna driver.
9
OSCI
I
Signal input to 17.1776 MHz master clock oscillator.
10
OSCO
O
Signal output from 17.1776 MHz master clock oscillator.
11
GND
-
Negative power supply.
12
VCC
-
Positive power supply.
13
TPC
I, w/pull-up
resistor
Input of transmission power selection signals (High-Low). A Low level
signal input through this pin substantially lowers the power during
transmission.
14
TXCT-
I, w/pull-up
resistor
Input of transmission output control signals (Transmit-Receive Mode
Selector). A Low level signal input through this pin outputs a transmission
signal to either “TXLO/TXHI” pin while a High level signal input turns the
mode to Receive and activates the internal FSK signal digital demodulator.
15
RXDT-
O
Serial output of demodulated FSK signal bit data. Negative level output
when the bit data received from the remote transponder is “1”, and positive
level output when it is “0”.
Note: The RI-RFM-006A has a reverse polarity in relation to TIRIS
standard RF-modules.
16
RXCK
O
Synchronous clock output of demodulated FSK signal data; a clock signal
synchronized with the “RXDT-“ signal is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com