Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-006A-00 Datasheet(PDF) 7 Page - Texas Instruments

Part # RI-RFM-006A-00
Description  TIRIS RF-Module IC for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-RFM-006A-00 Datasheet(HTML) 7 Page - Texas Instruments

Back Button RI-RFM-006A-00 Datasheet HTML 3Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 4Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 5Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 6Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 7Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 8Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 9Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 10Page - Texas Instruments RI-RFM-006A-00 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Rev. 3.5
RI-RFM-006A
TIRIS RF-Module IC for Automotive
Page 6 of 19
! Function and Operation
1. General
This RF-module IC counts on two operating modes:
Sending Mode - This mode is active when the “TXCT-“ pin is set to L-level. A remote TIRIS
transponder can be charged up and ID code can be sent to that transponder in this mode.
Receiving Mode - This mode is active when the “TXCT-“ pin is set to H-level. FSK signals sent from a
remote TIRIS transponder are received and demodulated in this mode.
Therefore, by switching over these modes using an external controller, data communications with a
TIRIS transponder can be made.
Note that this RF-module IC is exclusively designed to provide the user with a simple signal modulator-
demodulator (modem) function for data communications with a remote TIRIS transponder, based on the
appropriate data modulation-demodulation specifications. And therefore, it does not incorporate error
detection, data allotment nor other similar data processing functions in terms of protocol and data
formats.
(*) In both transmit and receive modes, this RF-module IC modulates and demodulates signals by logical
operation based on the incorporated master clock. This means that the modulating-demodulating
performance characteristics of this IC are directly affected by the frequency accuracy and variation of its
master clock (normal frequency is 17.1776 MHz). Therefore, the user is requested to select an oscillating
element or an external clock which is compatible with the remote TIRIS transponder to be used (see the
section describing the specifications “fexc”, “fL” and “fH”).
2. Sending Mode
In the Sending Mode, the frequency of the IC master clock (normal value: 17.1776 MHz) is divided
by 128. The resulting clock signal then has a frequency of 134.2 kHz (normal value). This resulting signal
is output as a composite signal for “TXHI” and “TXLO” terminals (pins) to drive the MOSFET which is
incorporated as an antenna resonance circuit driver, as illustrated below.
When the IC is in the Receiving Mode, its “TXHI” terminal is fixed at positive level and the “TXLO” at
high impedance. As a result, the output terminal “A” of the MOSFET used as an antenna resonance
circuit driver is fixed at negative level.
Note that when the IC is in the Sending Mode, its “RXDT-“ terminal is always fixed at positive level and
as a consequence, the IC’s FSK signal demodulator remains deactivated although data clock signals,
which are transmitted at a frequency resulting from division of the “A3IN” terminal signal frequency by
16, are output to the “RXCK”.
78
RI45538NS
TXLO
TXHI
Master clock frequency divided by 128
(Ref. frequency, resulting: 134.2 kHz)
"A"
MOSFET(PCH)
MOSFET(NCH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com