Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 2Page - Omron Electronics LLC W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC W2RG012RN Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
LED Control IC
W2RG012RN
Selection of Division Mode (continued)
The function of output terminal varies according to matrix configura-
tion. The relationship between matrix configuration and terminal
function is shown in the table below.
Selection of Communication mode
The communication mode is set by inputting resistance partial pres-
sure to communication mode setting terminal (COM). The relation-
ship between communication mode and COM terminal voltage is
shown in the table below.
Setting of Drive Current
Constant Current Drive
Current can be set individually for 3 groups (R/G/B). Current is set by connecting current setting resistance terminal (REXTR/REXTG/REXTB) to
GND through external REXT resistance (See note 1). The relationship between current and REXT resistance is shown below.
Formula for Current Setting
I
DOUT (mA) = 2,560/REXT resistance (kΩ)
Recommended Operating Conditions
I
DOUT: 10 ~ 80 mA (momentary value).
Note: 1. The current that is set is a momentary value. When LEDs are composed into a matrix, the effective value is calculated by dividing the original value by the matrix’s
division number. For example, when current is set at 60 mA in a 24x4 configuration, the effective value is 15 mA (= 60 mA/4).
2. The effective value is: I
DOUT/division number.
Output
terminal
Matrix Configuration
24x1
24x2
24x4
16x8
OUT0R
OUT0R
OUT0G
OUT0G
OUT0B
OUT0B
OUT1R
OUT1R
OUT1G
OUT1G
OUT1B
OUT1B
OUT2R
OUT2R
OUT2G
OUT2G
OUT2B
OUT2B
OUT3R
OUT3R
OUT3G
OUT3G
OUT3B
OUT3B
OUT4R
OUT4R
OUT4G
OUT4G
OUT4B
OUT4B
OUT5R
OUT5R
OUT5G
OUT5G
(Not used)
OUT5B
OUT5B
(Not used)
OUT6R
OUT6R
(Not used)
OUT6G
OUT6G
(Not used)
OUT6B
OUT6B
OUTS4
OUT7R
OUT7R
OUTS5
OUT7G
OUT7G
OUTS6
OUT7B
OUT7B
OUTS7
OUTS0
OUTS0
OUTS1
(Not used)
OUTS1
OUTS2
(Not used)
(Not used)
OUTS2
OUTS3
(Not used)
(Not used)
OUTS3
Communication mode
COM
Serial communication with address (SP-D8)
GND
Serial communication with address (SP-D7)
V
DD x 1/3
I2C-based serial communication (I2C)
V
DD
Serial communication with address (CE-D8)
V
DD x 2/3
0
50
100
150
200
250
300
REXT resistance (k
Ω)
Current vs. REXT resistance
0
10
20
30
40
50
60
70
80
Current
(mA)
REXT
resistance
(k
Ω)
10
256
15
171
20
128
25
102
30
85.3
40
64.0
50
51.2
60
42.7
70
36.6
80
32.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com