Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 3 Page - Omron Electronics LLC

  W2RG012RN Datasheet HTML 1Page - Omron Electronics LLC W2RG012RN Datasheet HTML 2Page - Omron Electronics LLC W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LED Control IC
W2RG012RN
3
I2C-based Serial Communication
Engineering Data
Block Diagram
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
Clock “L” Period
t
LOW
---
50
---
---
ns
SCL
Clock “H” Period
t
HIGH
---
50
---
---
ns
Bus Freeing Time
t
BUF
---
80
- - -
- - -
ns
SDA
Start Setup Time
t
SU;STA
---
50
---
---
ns
SCL,SDA
Start Hold Time
t
HD;STA
---
50
---
---
ns
Stop Setup Time
t
SU;STO
---
50
---
---
ns
Data Setup Time
t
SU;DAT
---
30
---
---
ns
Data Hold Time
t
HD;DAT
---
0
---
---
ns
CE Setup Time
t
SU;CE
---
50
---
---
ns
SCL, SDA, CE
CE Hold Time
t
HD;CE
---
50
---
---
ns
Data Output Time
t
SDO
Load capacity: 100 pF
- - -
- - -
80
ns
SCL, SDO
tSU;STA
tSU;STO
tHD;CE
tHD;DAT
tHIGH
tSU;DAT
tSDO
tBUF
tHD;STA
tLOW
tSU;CE
Sr
P
S
P
70 %
30 %
70 %
30 %
70 %
30 %
70 %
30 %
SDO
CE
SDA
SCL
Thermal
shutdown
circuit
Current setting
circuit
Internal
oscillation
circuit
Clock
division
circuit
Internal
power
supply
Filter
Filter
A/D
A/D
A/D
Filter
Filter
A/D
OUT0R
OUT0G
OUT0B
OUT1R
OUT1G
OUT1B
OUTS0
OUTS1
OUTS2
OUTS3
OUTDC
OUT7R
OUT7G
OUT7B
REXTR REXTG
REXTB
CE
ADR1
ADR0
VDD
CAP
GND
SCL
SDO
COM
DIV
SDA
RST
System
clock
Gradation control0R
Gradation control0G
Gradation control0B
Gradation control1R
Gradation control1G
Gradation control1B
Gradation control7R
Gradation control7G
Gradation control7B
Reset
Matrix
control
circuit
.
.
.
.
.
.
.
.
.
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com