Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC W2RG012RN Datasheet HTML 10Page - Omron Electronics LLC W2RG012RN Datasheet HTML 11Page - Omron Electronics LLC W2RG012RN Datasheet HTML 12Page - Omron Electronics LLC W2RG012RN Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LED Control IC
W2RG012RN
9
■ Command System
Device Designation
If the device ID and device address match IC settings, received data are retrieved. Device ID is fixed as “010”. The same command can be trans-
mitted to all devices by designating “1111” as device address. The relationship between device address and device address terminal is shown in
the table below.
Register Designation
Word Length
The data unit of gradation data is designated.
Register Address (Designation of lighting position)
The address of gradation register is designated. The upper limit of address that can be designated, and the number of gradation that can be trans-
ferred continuously, vary according to division mode setting and word length designation.
Register address (Special address)
All gradation registers can be designated collectively by designating 0x7F (127).
The power saving register can be designated by designating 0x78 (120)
Gradation Data
Gradation Designation
Gradation data are designated using 8 bits (256 gradations), 7 bits (128 gradations), or 4 bits (16 gradations).
Power-saving Mode
When the power-saving data register is designated by register address-bits, the lowest 4 bits are treated as power-saving data.
Communication mode
Device selection data dvc_dat (7:0)
76543210
Device ID
Device Address
RW
Standard
0
1
0
ADR1(1:0)
ADR0(1:0)
0
SP-D7
---
Communication mode
Register Selection data reg_dat (7:0)
76543210
Standard
Word Length
Register Address
SP-D7
- - -
Word length designation
Word length
0
8bit
1
4bit
Communication mode
Gradation data light_dat(7:0)
76543210
Standard (8-bit)
Gradation Data
Standard (4-bit)
Gradation Data N
Gradation Data N+1
SP-D7
Gradation Data
- - -
Communication
mode
Gradation data light_dat(7:0)
7654
3
2
1
0
Standard
0000
Power-saving data
(current control)
Power-saving data
(duty ratio control)
SP-D7
- - -
0
0
0
Power-saving
Data
Output current or
output duty ratio
00
100%
01
75%
10
50%
11
25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com