Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 5 Page - Omron Electronics LLC

  W2RG012RN Datasheet HTML 1Page - Omron Electronics LLC W2RG012RN Datasheet HTML 2Page - Omron Electronics LLC W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LED Control IC
W2RG012RN
5
Operation
■ Functional Overview
LEDs in 24 systems are driven at a constant current or voltage. Also, LEDs connected in a matrix form can be lit dynamically (pulse lighting). For
dynamic lighting, LEDs in 48 systems (divided into 2 parts), 96 systems (divided into 4 parts), or 128 systems (divided into 8 parts) can be gradation
controlled individually.
Command Reception
An LED lighting command is received via serial communication. Regarding communication method, the product can adapt to three kinds of serial
communication with address, and I2C-based serial communication. LED lighting data for up to 128 units can be transmitted continuously. As only
a single operation is required for designation of a start signal or a device address, the overall volume of communication can be reduced.
Gradation Control
A 256-gradation can be used for lighting. Each gradation is allocated to a duty ratio based on the exponential function, to enable lighting design
suited to human visual sensation.
Matrix Control
The product is adapted to connection of 24x1, 24x2, 24x4 and 16x8 matrix. Also, lighting errors at switching can be controlled by controlling switch
timing for dynamic lighting.
Power-saving Control
For driving, power consumption for LED lighting is controlled to 75%/50%25% of the normal level. Collective switching via communication command
can be executed, permitting easy switching between normal and power-saving operations. Either current control or duty ratio control can be select-
ed as control method. For current control, the output current is changed to a 75%/50%/25% level, with the current set with current setting terminal
REXTR/REXTG/REXTB as reference. For duty ratio control, the output duty ratio is changed to a 75%/50%/25% level, with the duty ratio allocated
to a gradation as reference.
Number of Control Systems
Up to 15 devices can be connected through address designation. This permits the control of LEDs in up to 1,920 systems. Additional devices can
be connected by switching the CE terminal.
■ Description of Terminals
Setting By Inputting Resistance Partial Pressure
Device address setting terminal (ADR1/ADR0), division mode setting terminal (DIV), and communication mode setting terminal (COM) are level
input terminals with an A/D converter built in internal IC. One of 4 voltage levels (GND, V
DD x 1/3, VDD x 2/3, and VDD) is set by inputting resistance
partial pressure.
Device Address Setting
The device address is set by inputting resistance partial pressure to
device address setting terminal (ADR1/ADR0). The address is cho-
sen from among 15 addresses from “0000” to “1110”. “1111” cannot
be designated to any device, as it is used for collective designation to
all devices in communication. The relationship between device
address and ADR terminal voltage is shown in the table below.
Selection of Division Mode
The matrix configuration for connected LEDs is set by inputting resis-
tance partial pressure to devision mode setting terminal (DIV). The
relationship between matrix configuration and DIV terminal voltage is
shown in the table below.
Device Address
ADR1
ADR0
0000
GND
GND
0001
GND
V
DD x 1/3
0010
GND
V
DD
0011
GND
V
DD x 2/3
0100
V
DD x 1/3
GND
0101
V
DD x 1/3
V
DD x 1/3
0110
V
DD x 1/3
V
DD
0111
V
DD x 1/3
V
DD x 2/3
1000
V
DD
GND
1001
V
DD
V
DD x 1/3
1010
V
DD
V
DD
1011
V
DD
V
DD x 2/3
1100
V
DD x 2/3
GND
1101
V
DD x 2/3
V
DD x 1/3
1110
V
DD x 2/3
V
DD
1111 (reserved)
V
DD x 2/3
V
DD x 2/3
Matrix configuration
DIV
24x1
GND
24 x2
V
DD x 1/3
24x4
V
DD
16x8
V
DD x 2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com