Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 13Page - Omron Electronics LLC W2RG012RN Datasheet HTML 14Page - Omron Electronics LLC W2RG012RN Datasheet HTML 15Page - Omron Electronics LLC W2RG012RN Datasheet HTML 16Page - Omron Electronics LLC W2RG012RN Datasheet HTML 17Page - Omron Electronics LLC W2RG012RN Datasheet HTML 18Page - Omron Electronics LLC W2RG012RN Datasheet HTML 19Page - Omron Electronics LLC W2RG012RN Datasheet HTML 20Page - Omron Electronics LLC W2RG012RN Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
LED Control IC
W2RG012RN
■ Application Example
Setting Example
Dimensions
W2RG012RN
7
8
48
5
4
ADR1
ADR0
VDD
CAP
GND
6
SCL
47
SDO
COM
10
9
DIV
1
SDA
3
2
RST
17
23
31
37
REXTR
REXTG
REXTB
11
12
13
5V
Transmission
circuit
Reception
circuit
C3
0.1
μF
C2
0.1
μF
C1
0.1
μF
GND
GND
GND
GND
33k
43k
62k
3.3k
3.3k
3.3k
CE
14
15
OUT0R
OUT0G
OUT0B 16
18
19
OUT1R
OUT1G
OUT1B 20
39
40
41
42
43
OUTS0
OUTS1
OUTS2 44
45
OUTS3
46
OUTDC
OUT7R
OUT7G
OUT7B
21
22
OUT2R
OUT2G
OUT2B 24
25
26
OUT3R
OUT3G
OUT3B 27
28
OUT4R
OUT4G
OUT4B 30
32
33
OUT5R
OUT5G
OUT5B 34
35
36
OUT6R
OUT6G
OUT6B 38
NC
Matrix circuit
x24
x4
x4
Matrix
connection
Matrix
connection
5V
29
. . .
. . .
DIV: 24x4 configuration
COM: I2C communication
ADR:
device address
“1101”
Constant current setting
R: 59.5 mA (14.9 mA)
G: 77.6 mA (19.4 mA)
B: 41.3 mA (10.3 mA)
Note: Effective values are shown in parentheses.
7 ± 0.1
4.7 ± 0.1
0.75 ± 0.2
0.5 ± 0.1
0.08
(0.22)
C0.2
1 Pin Mark
1(max.)
S
S
0.25
+0.05
-0.04
37
48
1
12
13
36
25
24
0.8(min.)
5
0.5
1.2
0.27
Ø 0.3
6
Recommended
PCB Layout
[Unit : mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com