Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 2 Page - Omron Electronics LLC

  W2RG012RN Datasheet HTML 1Page - Omron Electronics LLC W2RG012RN Datasheet HTML 2Page - Omron Electronics LLC W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
LED Control IC
W2RG012RN
Recommended Operating Conditions
Note: 1. Take the timing characteristics into consideration.
DC Electrical Characteristics (Ta = 25°C, V
DD = 5V)
Timing Characteristics (Ta = -20 to 85 °C, V
DD = 3.0 to 5.5V)
Serial Communication with Address
Item
Symbol
Rating
Applicable Terminal
Supply Voltage
V
DD
3.0 to 5.5 V
V
DD
Input Voltage
V
IN
0toV
DD V
SDA, SCL, RST, CE, ADR1, ADR0, DIV, COM
Signal Output Current
I
SOUT
-10 to 10 mA
SDO, OUTDC
Communication Clock Frequency (See note 1)
f
SCL
Max. 5 MHz
SCL
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
High-level Input Voltage
V
IH
---
V
DD x0.7
---
---
V
SDA, SCL, RST, CE
Low-level Input Voltage
V
IL
---
---
---
V
DD x 0.3
V
A/D Input Voltage
V
AD1
“10” output
V
DD x0.9
---
V
DD + 0.3
V
ADR1, ADR0, DIV, COM
V
AD2
“11” output
V
DD x0.6
---
V
DD x 0.7
V
V
AD3
“01” output
V
DD x0.3
---
V
DD x 0.4
V
V
AD4
“00” output
-0.3
- - -
V
DD x 0.1
V
High-level Signal Output Voltage
V
SOH
I
SOUT =-5mA
V
DD -0.5
---
---
V
SDO, OUTDC
Low-level Signal Output Voltage
V
SOL
I
SOUT =5mA
---
---
0.5
V
ON Resistance1
R
ON1
---
---
6.3
10
Ω
OUT0R~7R
OUT0G~7G
OUT0B~7B
Inter-pin Current Accuracy
ΔIP
I
DOUT =20mA
-3
---
3
%
Inter-device Current Accuracy
ΔID
I
DOUT =20mA
-6
---
6
%
Drive Output Leak Current
I
DL
---
---
---
1
μA
ON Resistance2
R
ON2
---
---
9
20
Ω
OUTS0~S3
Operating Current Consumption
I
DD
Total Output: I
DOUT =20mA
---
5
7
mA
V
DD
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
Communication Clock
Pulse Width
t
SCL
---
100
- - -
- - -
ns
SCL
Data Setup Time
t
SDA_SU
---
90
---
---
ns
SCL,SDA
Data Hold Time
t
SDA_HD
---
90
---
---
ns
CE Setup Time
t
CE_SU
---
50
---
---
ns
SCL, SDA, CE
CE Hold Time
t
CE_HD
---
50
---
---
ns
Data Output Time
t
SDO
Load capacity: 100 pF
- - -
- - -
80
ns
SCL, SDO
tSDA_SU
tSDA_HD
tSDO
tSCL
tSCL
tCE_SU
tCE_HD
SDA
SCL
SDO
CE
50 %
50 %
50 %
50 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com