Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 13Page - Omron Electronics LLC W2RG012RN Datasheet HTML 14Page - Omron Electronics LLC W2RG012RN Datasheet HTML 15Page - Omron Electronics LLC W2RG012RN Datasheet HTML 16Page - Omron Electronics LLC W2RG012RN Datasheet HTML 17Page - Omron Electronics LLC W2RG012RN Datasheet HTML 18Page - Omron Electronics LLC W2RG012RN Datasheet HTML 19Page - Omron Electronics LLC W2RG012RN Datasheet HTML 20Page - Omron Electronics LLC W2RG012RN Datasheet HTML 21Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LED Control IC
W2RG012RN
17
Drive Output Group
Adjoining drive output terminals (OUT0R - 7B) have different change timings. This difference is designed to reduce noise caused by the simulta-
neous change of drive output. There are 4 change timings, by which drive outputs are grouped as follows:
Note: *This does not apply when the division mode is set as 16x8 configuration, in which case the following operations are executed:
OUT5G - 6G: Not used.
OUT6B - OUT7B: Functions as OUTS4 - 7
Synchronous Control Output
Synchronous control output terminal (OUTDC) outputs control signals synchronized with lighting switch. These signals are used to drive external
circuits at lighting switch.
■ Power-saving Control
Power saving data is set, via communications as 100%, 75%, 50% or 25%. Current or duty ratio control is used as control method. Power saving
data can be set separately via either of these methods.
Current Control
Output currents are changed collectively according to a designated ratio to a current set with current setting terminal REXTR/REXTG/REXTB.
Note: The hue of a full-color LED in normal operation may be different from that in power-saving operation, due to differences in current charac-
teristics among R/G/B.
Duty Ratio Control
Output duty ratios are changed collectively according to a designated ratio to a duty ratio designated to a particular gradation.
Drive output
terminal
Drive output group
OUTX-a
OUTX-b
OUTX-c
OUTX-d
OUT0R
OUT0G
OUT0B
OUT1R
OUT1G
OUT1B
OUT2R
OUT2G
OUT2B
OUT3R
OUT3G
OUT3B
OUT4R
OUT4G
OUT4B
OUT5R
OUT5G
(*)
OUT5B
(*)
OUT6R
(*)
OUT6G
(*)
OUT6B
(*)
OUT7R
(*)
OUT7G
(*)
OUT7B
(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com