Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 4 Page - Omron Electronics LLC

  W2RG012RN Datasheet HTML 1Page - Omron Electronics LLC W2RG012RN Datasheet HTML 2Page - Omron Electronics LLC W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
LED Control IC
W2RG012RN
Terminal Designation
Note: 1. When CE terminal is not used, keep it in L fixing condition. (This does not apply to CE-D8 mode.)
2. CAP terminal is connected to capacitor for power smoothing. Connect a 0.1
μF capacitor between the terminal and GND.
3. A 100 k
Ω pullup resistance is built in the RST terminal. It is recommended that when the terminal is not used, a 0.1 μF capacitor be connected
between the terminal and GND to ensure stable operation.
4. Leave unused output terminals open.
Terminal Number
Terminal Name
Description
I/O
Function
1
SDA
Serial data input
I
CMOS, filter
2
SCL
Serial clock input
I
3
CE
Chip enable input (See note 1)
I
4
V
DD
Power source
P
5
CAP
Capacitor (See note 2)
- - -
6
GND
Ground
P
7
ADR1
Device address 1
I
Resistance partial
pressure input
8
ADR0
Device address 0
I
9
DIV
Division mode
I
10
COM
Communication mode
I
11
REXTR
Current setting resistance R
- - -
12
REXTG
Current setting resistance G
- - -
13
REXTB
Current setting resistance B
- - -
14
OUT0R
Output 0R
O
Constant Current
15
OUT0G
Output 0G
O
16
OUT0B
Output 0B
O
17
GND
Ground
P
18
OUT1R
Output 1R
O
Constant Current
19
OUT1G
Output 1G
O
20
OUT1B
Output 1B
O
21
OUT2R
Output 2R
O
22
OUT2G
Output 2G
O
23
GND
Ground
P
24
OUT2B
Output 2B
O
Constant Current
25
OUT3R
Output 3R
O
26
OUT3G
Output 3G
O
27
OUT3B
Output 3B
O
28
OUT4R
Output 4R
O
29
OUT4G
Output 4G
O
30
OUT4B
Output 4B
O
31
GND
Ground
P
32
OUT5R
Output 5R
O
Constant Current
33
OUT5G
Output 5G
O
34
OUT5B
Output 5B
O
35
OUT6R
Output 6R
O
36
OUT6G
Output 6G
O
37
GND
Ground
P
38
OUT6B
Output 6B/Output switch 4
O
Constant Current
39
OUT7R
Output 7R/Output switch 5
O
40
OUT7G
Output 7G/Output switch 6
O
41
OUT7B
Output 7B/Output switch 7
O
42
OUTS0
Output switch 0
O
N-ch open drain
43
OUTS1
Output switch 1
O
44
OUTS2
Output switch 2
O
45
OUTS3
Output switch 3
O
46
OUTDC
Synchronous control output
O
CMOS
47
SDO
Serial data output
O
48
RST
Reset (See note 3)
I
CMOS, filter, pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com