Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button W2RG012RN Datasheet HTML 12Page - Omron Electronics LLC W2RG012RN Datasheet HTML 13Page - Omron Electronics LLC W2RG012RN Datasheet HTML 14Page - Omron Electronics LLC W2RG012RN Datasheet HTML 15Page - Omron Electronics LLC W2RG012RN Datasheet HTML 16Page - Omron Electronics LLC W2RG012RN Datasheet HTML 17Page - Omron Electronics LLC W2RG012RN Datasheet HTML 18Page - Omron Electronics LLC W2RG012RN Datasheet HTML 19Page - Omron Electronics LLC W2RG012RN Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
LED Control IC
W2RG012RN
■ Control Waveform
The matrix is controlled by switching between ON and OFF of drive output terminals (OUT0R - 7B) and switch output terminals (OUTS0 - 7).
Control Waveform (Overall)
Control Waveform (at Switching)
Note: XTI = 8.192 MHz = 122.07 ns. The indication of duration in these figures is for 16x8 configuration. The duration is twice the indicated value
for 24x4 configuration; 4 times for 24x2 configuration; and 8 times for 24x1 configuration.
OUTX-a
(PWM)
OUTS7
OUTS0
OUTDC
OUTX-b
(PWM)
OUTX-c
(PWM)
OUTX-d
(PWM)
OUTS1
OUTS2
PWM period: 1 ms
128XTI
(=15.625
μs)
Open
GND
Open
GND
Open
GND
Open
GND
Open
GND
Open
GND
Open
GND
Open
GND
VDD
GND
OUTX-a
(PWM)
OUTS0
OUTS1
OUTDC
OUTX-b
(PWM)
OUTX-c
(PWM)
OUTX-d
(PWM)
32XTI
40XTI
40XTI
8XTI
8XTI
128XTI
(=15.625us)
2XTI
Open
GND
Open
GND
Open
GND
Open
GND
Open
GND
Open
GND
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com