Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RG012RN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # W2RG012RN
Description  Optimal IC for LED Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RG012RN Datasheet(HTML) 1 Page - Omron Electronics LLC

  W2RG012RN Datasheet HTML 1Page - Omron Electronics LLC W2RG012RN Datasheet HTML 2Page - Omron Electronics LLC W2RG012RN Datasheet HTML 3Page - Omron Electronics LLC W2RG012RN Datasheet HTML 4Page - Omron Electronics LLC W2RG012RN Datasheet HTML 5Page - Omron Electronics LLC W2RG012RN Datasheet HTML 6Page - Omron Electronics LLC W2RG012RN Datasheet HTML 7Page - Omron Electronics LLC W2RG012RN Datasheet HTML 8Page - Omron Electronics LLC W2RG012RN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LED Control IC
W2RG012RN
1
LED Control IC
W2RG012RN
Optimal IC for LED Control
• An exponential function-based PWM gradation control for up to
256 gradations, enabling beautiful fade-in and fade-out.
• Dynamic drive of LEDs connected in a matrix form; individual
control of up to 128 LED Lines.
• Serial bus connection permitting connection of up to 15 ICs on
the same communication line.
• 24 constant current outputs contained in a small package of
7x7mm.
• Built-in thermal shutdown.
• RoHS Compliant
Ordering Information
Specifications
Absolute Maximum Ratings
Note: 1. Take the power consumption and allowable power dissipation rating into consideration.
2. Values when the product is mounted on a standard substrate (70 mm x 70 mm x1.6 mmt, FR-4).
When using the product at Ta = 25°C or higher, the values must be decreased using the constant of temperature decrease R
td [mW/°C].
Pd1: R
td = 27.4 mW/°C for a double-sided substrate with a back layer copper foil area of 4,900 mm
2
Pd2: R
td = 14.4 mW/°C for a double-sided substrate with a back layer copper foil area of 225 mm
2
Pd3: R
td = 9.28 mW/°C for a single-sided substrate with a copper foil area of 36 mm
2
Description
Model
LED Control IC
W2RG012RN
Item
Symbol
Rating
Applicable Terminal
Supply Voltage
V
DD
-0.3 to 7.0 V
V
DD
Input Voltage
V
IN
-0.3 to V
DD + 0.3 ≤ 7.0 V
SDA, SCL, RST, CE, ADR1, ADR0, DIV, COM
Signal Output Voltage
V
SOUT
-0.3 to V
DD + 0.3 ≤ 7.0 V
SDO, OUTDC
Drive Output Voltage
V
DOUT
-0.3 to 20 V
OUT0R~7R, OUT0G~7G, OUT0B~7B, OUTS0~S3
Drive Output Current/pin
(See note 1)
I
DOUT
80 mA
OUT0R~7R, OUT0G~7G, OUT0B~7B
Switch Output Current/pin
I
DOUTS
20 mA
OUTS0~S3
Allowable Power Dissipation
(See note 2)
Pd1
3.43 W
- - -
Pd2
1.80 W
- - -
Pd3
1.16 W
- - -
Ambient Operating Temperature
T
OPR
-20 to 85
°C
---
Ambient Storage Temperature
T
STG
-40 to 150
°C
---
Curve of Heat Reduction Ratio
Back copper foil: 4,900 mm2
Back copper foil:
225 mm2
3430
1800
1160
0
25
85
Ambient Temperature (°C)
150
Copper foil:
36 mm2


Similar Part No. - W2RG012RN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
W2RF002RF OMRON-W2RF002RF Datasheet
592Kb / 10P
Most Suitable IC for Controlling LED Effects within Applications
W2RF004RM OMRON-W2RF004RM Datasheet
622Kb / 10P
Most Suitable IC for Controlling LED Effects within Applications
logo
M-System Co.,Ltd.
W2RS MSYSTEM-W2RS Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2RS-011-M2 MSYSTEM-W2RS-011-M2 Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2RS-011-M2/Q MSYSTEM-W2RS-011-M2/Q Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results

Similar Description - W2RG012RN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL1750 NXP-SSL1750 Datasheet
162Kb / 29P
SMPS control IC for LED drivers
Rev. 01-15 September 2008
logo
International Rectifier
IRS2980S IRF-IRS2980S Datasheet
339Kb / 18P
LED DRIVER CONTROL IC
IRS2983STRPBF IRF-IRS2983STRPBF Datasheet
502Kb / 17P
LED FLYBACK CONTROL IC
IRS2983SPBF IRF-IRS2983SPBF_15 Datasheet
504Kb / 17P
LED FLYBACK CONTROL IC
IRS29831PBF IRF-IRS29831PBF Datasheet
372Kb / 17P
LED FLYBACK CONTROL IC
logo
Shenzhen Tianyuan Semic...
TP9920 TPOWER-TP9920 Datasheet
313Kb / 4P
LED drive control IC
logo
SHENZHEN FUMAN ELECTRON...
TC9306 FUMAN-TC9306 Datasheet
114Kb / 2P
LED flashlight control IC
FM9310A FUMAN-FM9310A Datasheet
240Kb / 3P
LED remote control IC
logo
SHOUDING Shouding Semic...
SD3320 SHOUDING-SD3320 Datasheet
716Kb / 5P
LED drive control IC
logo
Sciosense B.V.
DPS1 SCIOSENSE-DPS1 Datasheet
1Mb / 2P
Automotive HVAC Air Duct Dewpoint Sensor for Optimal Evaporator Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com