Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 4 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 4 Page - Hirose Electric

  FH33 Datasheet HTML 1Page - Hirose Electric FH33 Datasheet HTML 2Page - Hirose Electric FH33 Datasheet HTML 3Page - Hirose Electric FH33 Datasheet HTML 4Page - Hirose Electric FH33 Datasheet HTML 5Page - Hirose Electric FH33 Datasheet HTML 6Page - Hirose Electric FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
△
A**
(1.75)
(V)
1
(0.15)
B
A±0.15
(0.15)
(C: FPC insertion slot dimension)
D±0.1
0.15 G
G
∞Number of contacts
F
Lot No. indicator
Polarizing mark indicator
Number of contacts indicator
HRS mark
Cav No.
■Connector Dimensions
Unit: mm
Part Number
FH33-4S-1SH(**)
FH33-12(6)SB-1SH(**)
FH33J-12(6)SB-1SH(**)
580-1322-1-**
580-1323-4-**
580-1326-2-**
4
6
6
CL No.
Number of Contacts
6.5
8
8
A
3
5
5
B
5.07
6.57
6.57
C
5.85
7.35
7.35
1.75
1.25
1.25
D
V
12
12
0
0.5±0.1
(1.1)
1.73±0.2
0.55±0.1
+0 15
0.25±0.1
0.15MAX
0.15MAX
a
0
F
Note 1: Embossed reel packaging (5,000 pieces/reel, 500 pieces/reel).
Order by number of reels.
Notes
The coplanarity of each terminal lead is within 0.1 max.
The contact terminal lead position indicates the dimension
from the bottom a surface of the insulator body.
Difference of each terminal lead is within 0.1 max.
Slight variations in color of the plastic compounds do not
affect form, fit or function of the connector.
After reflow, the terminal plating may change color, however
this does not represent a quality issue.
1
2
3
4
5
●1mm pitch type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com