Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 7 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 7 Page - Hirose Electric

Back Button FH33 Datasheet HTML 3Page - Hirose Electric FH33 Datasheet HTML 4Page - Hirose Electric FH33 Datasheet HTML 5Page - Hirose Electric FH33 Datasheet HTML 6Page - Hirose Electric FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric FH33 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
■FH33 Series FPC/FFC Construction (Recommended Specifications)
1. Using Single-sided FPC
Material Name
Covering film layer
Cover adhesive
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Polyimide 1 mil thick
Nickel under plated 1 to 5μm /
Gold plated 0.2μm
Cu
1oz
Heat-hardened adhesive
Polyimide 1 mil thick
Heat-hardened adhesive
Polyimide 7 mil thick
Total
(25)
(25)
3
35
25
25
30
175
293
Material
Thickness (μm)
2. Using Double-sided FPC
Material Name
Covering film layer
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering film layer
Reinforcement material adhesive
Stiffener
Polyimide 1 mil thick
Nickel under plated 1 to 5μm /
Gold plated 0.2μm
Cu
Cu
1/2oz
Heat-hardened adhesive
Polyimide 1 mil thick
Heat-hardened adhesive
Cu
1/2oz
Polyimide 1 mil thick
Heat-hardened adhesive
Polyimide 4 mil thick
Total
(25)
(25)
3
15
18
18
25
18
18
25
25
50
100
297
Material
Thickness (μm)
1. This specification is a recommendation for the construction of the FH33 Series FPC and FFC (t=0.3 ± 0.05).
2. For details about the construction, please contact the FPC/FFC manufacturers.
π Practical tolerance of thickness dimension is ±20 μm
3. Using FFC
4. Precautions
Gold plated, soft copper film
Adhesive
Polyester
Adhesive
Stiffener
Polyester film
Adhesive
Polyester
Polyester
Polyester
Total
polyester thermoplastic type
(12)
(30)
35
30
12
30
188
295
Material Name
Material
Thickness (μm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com