Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 11 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 11 Page - Hirose Electric

Back Button FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric FH33 Datasheet HTML 11Page - Hirose Electric FH33 Datasheet HTML 12Page - Hirose Electric FH33 Datasheet HTML 13Page - Hirose Electric FH33 Datasheet HTML 14Page - Hirose Electric FH33 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
■Operation and Precautions
Operation
1.FPC insertion procedure. Connector installed on the board.
Lift up the actuator. Use thumb or index finger.
1
2.FPC removal
Lift up the actuator. Carefully withdraw the
FPC.
1
Fully insert the FPC in the connector paral-
lel to mounting surface, with the exposed
conductive traces facing down.
2
Rotate down the actuator until firmly closed. It is
critical that the inserted FPC is not moved and
remains fully inserted.
3
FPC conductor
surface (Bottom side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com