Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH33 Datasheet(PDF) 6 Page - Hirose Electric

Part # FH33
Description  0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH33 Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH33 Datasheet HTML 2Page - Hirose Electric FH33 Datasheet HTML 3Page - Hirose Electric FH33 Datasheet HTML 4Page - Hirose Electric FH33 Datasheet HTML 5Page - Hirose Electric FH33 Datasheet HTML 6Page - Hirose Electric FH33 Datasheet HTML 7Page - Hirose Electric FH33 Datasheet HTML 8Page - Hirose Electric FH33 Datasheet HTML 9Page - Hirose Electric FH33 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
J
FH33 Series
●0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
(A)
K±0.1
J±0.1
1.15±0.1
W±0.1
1
B
0.3±0.05(Land)
0.25±0.05(Metal mask)
(0.2)
(0.2)
0.1 H
H
∞Number of contacts
*Recommended metal mask thickness = 0.1mm
■Recommended PCB mounting pattern and metal mask dimensions
●1mm pitch type
2-R0.2
1±0.1
0.65±0.1
1±0.1
X±0.1
B±0.1
L±0.1
<under 30 pos.>0.3±0.05
<over 31 pos.>0.3±0.03
■Recommended FPC/FFC dimensions
●1mm pitch type
Unit: mm
Part Number
FH33-4S-1SH(**)
FH33-12(6)SB-1SH(**)
FH33J-12(6)SB-1SH(**)
580-1322-1-**
580-1323-4-**
580-1326-2-**
4
6
6
CL No.
Number of Contacts
6.5
8
8
A
3
5
5
B
5.3
6.8
6.8
6.4
7.9
7.9
5
6.5
6.5
1.15
0.65
0.65
1
0.5
0.5
K
L
W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com